Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL5292CS Datasheet HTML 6Page - Intersil Corporation EL5292CS Datasheet HTML 7Page - Intersil Corporation EL5292CS Datasheet HTML 8Page - Intersil Corporation EL5292CS Datasheet HTML 9Page - Intersil Corporation EL5292CS Datasheet HTML 10Page - Intersil Corporation EL5292CS Datasheet HTML 11Page - Intersil Corporation EL5292CS Datasheet HTML 12Page - Intersil Corporation EL5292CS Datasheet HTML 13Page - Intersil Corporation EL5292CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the inverting input. (See the
Capacitance at the Inverting Input section) Even when
ground plane construction is used, it should be removed
from the area near the inverting input to minimize any stray
capacitance at that node. Carbon or Metal-Film resistors are
acceptable with the Metal-Film resistors giving slightly less
peaking and bandwidth because of additional series
inductance. Use of sockets, particularly for the SO package,
should be avoided if possible. Sockets add parasitic
inductance and capacitance which will result in additional
peaking and overshoot.
Disable/Power-Down
The EL5292A amplifier can be disabled placing its output in
a high impedance state. When disabled, the amplifier supply
current is reduced to < 300µA. The EL5292A is disabled
when its CE pin is pulled up to within 1V of the positive
supply. Similarly, the amplifier is enabled by floating or
pulling its CE pin to at least 3V below the positive supply. For
±5V supply, this means that an EL5292A amplifier will be
enabled when CE is 2V or less, and disabled when CE is
above 4V. Although the logic levels are not standard TTL,
this choice of logic voltages allows the EL5292A to be
enabled by tying CE to ground, even in 5V single supply
applications. The CE pin can be driven from CMOS outputs.
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage- or current-feedback
amplifier can be affected by stray capacitance at the
inverting input. For inverting gains, this parasitic capacitance
has little effect because the inverting input is a virtual
ground, but for non-inverting gains, this capacitance (in
conjunction with the feedback and gain resistors) creates a
pole in the feedback path of the amplifier. This pole, if low
enough in frequency, has the same destabilizing effect as a
zero in the forward open-loop response. The use of large-
value feedback and gain resistors exacerbates the problem
by further lowering the pole frequency (increasing the
possibility of oscillation.)
The EL5292 has been optimized with a 375
Ω feedback
resistor. With the high bandwidth of these amplifiers, these
resistor values might cause stability problems when
combined with parasitic capacitance, thus ground plane is
not recommended around the inverting input pin of the
amplifier.
Feedback Resistor Values
The EL5292 has been designed and specified at a gain of +2
with RF approximately 375Ω. This value of feedback resistor
gives 300MHz of -3dB bandwidth at AV=2 with 2dB of
peaking. With AV=-2, an RF of 375Ω gives 275MHz of
bandwidth with 1dB of peaking. Since the EL5292 is a
current-feedback amplifier, it is also possible to change the
value of RF to get more bandwidth. As seen in the curve of
Frequency Response for Various RF and RG, bandwidth and
peaking can be easily modified by varying the value of the
feedback resistor.
Because the EL5292 is a current-feedback amplifier, its
gain-bandwidth product is not a constant for different closed-
loop gains. This feature actually allows the EL5292 to
maintain about the same -3dB bandwidth. As gain is
increased, bandwidth decreases slightly while stability
increases. Since the loop stability is improving with higher
closed-loop gains, it becomes possible to reduce the value
of RF below the specified 375Ω and still retain stability,
resulting in only a slight loss of bandwidth with increased
closed-loop gain.
Supply Voltage Range and Single-Supply
Operation
The EL5292 has been designed to operate with supply
voltages having a span of greater than 5V and less than 10V.
In practical terms, this means that the EL5292 will operate
on dual supplies ranging from ±2.5V to ±5V. With single-
supply, the EL5292 will operate from 5V to 10V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5292 has an input range which extends to within 2V of
either supply. So, for example, on ±5V supplies, the EL5292
has an input range which spans ±3V. The output range of the
EL5292 is also quite large, extending to within 1V of the
supply rail. On a ±5V supply, the output is therefore capable
of swinging from--4V to +4V. Single-supply output range is
larger because of the increased negative swing due to the
external pull-down resistor to ground.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Previously, good differential gain could only be
achieved by running high idle currents through the output
transistors (to reduce variations in output impedance.)
These currents were typically comparable to the entire 6mA
supply current of each EL5292 amplifier. Special circuitry
has been incorporated in the EL5292 to reduce the variation
of output impedance with current output. This results in dG
and dP specifications of 0.015% and 0.04°, while driving
150
Ω at a gain of 2.
Video performance has also been measured with a 500
Ω
load at a gain of +1. Under these conditions, the EL5292 has
dG and dP specifications of 0.03% and 0.05°, respectively.
Output Drive Capability
In spite of its low 6mA of supply current, the EL5292 is
capable of providing a minimum of ±95mA of output current.
With a minimum of ±95mA of output drive, the EL5292 is
EL5292, EL5292A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com