Electronic Components Datasheet Search
  English  ▼

X  

SC2128A Datasheet(PDF) 14 Page - Silan Microelectronics Joint-stock

Part # SC2128A
Description  REMOTE FAN CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A Datasheet(HTML) 14 Page - Silan Microelectronics Joint-stock

Back Button SC2128A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 15Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
14
APPLICATION CIRCUIT
SW2
REMOTE
OSCI
OSCO
VDD
OFF/MEMS/
BUZZ
SPEED
MODE
COM
LED3
LED2
LED1
LIT
SO1
TIMER
SO2
ST
MI
LO
VSS
LIGHT
SW1
SC2128A
SW2
47pf
32.768kHz
47pf
IR MODULE
-5V
9.1k
OFF/MEMS
SPEED
SW1
MODE
LIGHT
Light
220
Strong
220
TIMER
-5V
Tb1
Tb0
Tb2
Tb3
Sleep
Rhythm
220
Middle 220
220
220
Low
Swing2
AC
Swing Head 1: Controlled by SW1
Swing Head 2: Controlled by SW2
Swing1
AC
AC
VAR
22 /2w
FUSE
6.8V/1w
200k
2.5
µf/250V
IN4004
470
µf
16V
1k
10
µf
16V
2SA1015
0.1
µf
-5V
Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com