Electronic Components Datasheet Search
  English  ▼

X  

SC2128A Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC2128A
Description  REMOTE FAN CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128A Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC2128A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128A Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Silan
Semiconductors
SC2128A
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
FUNCTIONAL DESCRIPTION
1. CONTROL KEYS
Up to seven function keys – SPEED, MODE, TIMER, SW1, SW2, LIGHT and OFF/MEMS – may be used on
the control panel of fan to access SC2128A to its full versatility. OFF/MEMS key input pin serves further as buzzer
output BUZZ pin. All key inputs are internally pulled-high in SC2128A.
SPEED key controls the fan speed. TIMER key adjusts off-timer. MODE key sets fan into various modes of
operation. SW1 and SW2 keys control the head swing of fan. LIGHT key toggles the LIT output ON and OFF.
OFF/MEMS key resets the fan to idle state when fan is ON. It starts fan into memory mode if pressed when fan is
OFF, provided memory option is enabled. LIT output is not affected by OFF key.
2. SPEED KEY
SPEED key is used to (1) turn on the fan (2) change speed of the fan. OFF/MEMS may also be used to turn on
the fan into memory mode, provided memory mode is enabled. SLEEP key my turn on the fan from remote
control handset. All the other keys can NOT turn on the fan. All the other keys, except LIGHT key, can NOT
operate until fan is turned on. The diagram shows the state transition of SC2128A for successive pressing of
SPEED key.
OFF
LO=Z
MI=Z
ST=Z
MI start
LO=Z
MI=L
ST=Z
LOW
LO=L
MI=Z
ST=Z
SP
EE
D
KE
Y
Z=high impedence
L=low voltage
SP
EE
D
KE
Y
MID
LO=L
MI=Z
ST=Z
STR
LO=L
MI=Z
ST=Z
SPEED KEY
not middle wind start-up optioned
3. TIMER KEY
TIMER key is used to set time schedule after which SC2128A will automatically restore off
state(off-timer). When the fan is on, pressing TIMER key sets up the off-timer. Each pressing of TIMER
key increases the timer by one step. Each time increment step is determined by various timer options.
Either 0.5 or 1 hour per step may be selected, and either 3 levels or 4 levels timer may be selected.
Please see TIMER section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com