Electronic Components Datasheet Search
  English  ▼

X  

5043321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5043321
Description  MTKD-NICRSI/NISI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5043321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5043321 Datasheet HTML 1Page - PHOENIX CONTACT 5043321 Datasheet HTML 2Page - PHOENIX CONTACT 5043321 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MTKD-NICRSI/NISI
Order No.: 5043321
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=5043321
 
 
Thermoelectric voltage terminal block, cross section: 0.2 - 2.5 mm²,
width: 10.4 mm, color: gray
 
Commercial data
GTIN (EAN)
4
017918
178710
Note
Made-to-order
sales group
A501
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 394 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CUL, GOST, UL


Similar Part No. - 5043321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5043224 PHOENIX-5043224 Datasheet
55Kb / 3P
Connection spring - ZFK 2,5 FEDER
09/12/2020
5043237 PHOENIX-5043237 Datasheet
55Kb / 3P
Connection spring - ZFK 4 FEDER
09/12/2020
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
More results

Similar Description - 5043321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800017 PHOENIX-2800017 Datasheet
114Kb / 6P
UKK 5-MTKD-P/P
3100017 PHOENIX-3100017 Datasheet
126Kb / 6P
MTKD
3100020 PHOENIX-3100020 Datasheet
121Kb / 6P
MTKD-P/P
3100046 PHOENIX-3100046 Datasheet
61Kb / 4P
Thermoelectric voltage terminal block pair - MTKD-FE/CUNI
12/15/2015
3100059 PHOENIX-3100059 Datasheet
112Kb / 5P
MTKD-CU/CUNI
3100062 PHOENIX-3100062 Datasheet
108Kb / 5P
MTKD-NICR/NI
3100063 PHOENIX-3100063 Datasheet
61Kb / 4P
Thermoelectric voltage terminal block pair - MTKD-NICR/NI EX
3100075 PHOENIX-3100075 Datasheet
73Kb / 5P
Thermoelectric voltage terminal block pair - MTKD-NICR/CUNI
3100092 PHOENIX-3100092 Datasheet
129Kb / 11P
Feed-through terminal block - MTKD-E-CU/A-CU EX
3100102 PHOENIX-3100102 Datasheet
69Kb / 4P
Thermoelectric voltage terminal block pair - MTKD-S-CU/E-CUEX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com