Electronic Components Datasheet Search
  English  ▼

X  

5043321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5043321
Description  MTKD-NICRSI/NISI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5043321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5043321 Datasheet HTML 1Page - PHOENIX CONTACT 5043321 Datasheet HTML 2Page - PHOENIX CONTACT 5043321 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MTKD-NICRSI/NISI Order No.: 5043321
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=5043321
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Jan 19, 2011
Accessories
Item
Designation
Description
Assembly
3101223
ATS-MTK
Partition plate, Width: 1 mm, Color: gray
3101029
D-MTK
End cover, Length: 46 mm, Width: 1 mm, Height: 28.7 mm,
Color: gray
Tools
1205066
SZS 1,0X4,0 VDE
Screwdriver, bladed, VDE insulated, size: 1.0 x 4.0 x 100 mm, 2-
component grip, with non-slip grip



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com