Electronic Components Datasheet Search
  English  ▼

X  

0806068 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0806068
Description  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806068 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 0806068 Datasheet HTML 2Page - PHOENIX CONTACT 0806068 Datasheet HTML 3Page - PHOENIX CONTACT 0806068 Datasheet HTML 4Page - PHOENIX CONTACT 0806068 Datasheet HTML 5Page - PHOENIX CONTACT 0806068 Datasheet HTML 6Page - PHOENIX CONTACT 0806068 Datasheet HTML 7Page - PHOENIX CONTACT 0806068 Datasheet HTML 8Page - PHOENIX CONTACT 0806068 Datasheet HTML 9Page - PHOENIX CONTACT 0806068 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4. Technical Data
CMS Processing Tools
4.2 General Data
Dimensions
Length
[mm]
Shaft diameter
[mm]
Material
38 (30 mm CMS-GTG)
3
hardened steel
CMS-GT...
CMS Processing Tools
Phoenix Contact page 6 of 11
Typ
d
1
l
2
[mm]
[mm]
CMS-GTM 0,4
0.4
3.0
CMS-GTM 1,0
1.0
5.0
CMS-GTM 2,0
2.0
9.0
CMS-GTM 3,0
3.0
12.0
Type
d
1
l
2
[mm]
[mm]
CMS-GTD 0,6
0.6
7.0
CMS-GTD 0,8
0.8
8.0
CMS-GTD 0,9
0.9
9.0
CMS-GTD 1,0
1.0
10.5
CMS-GTD 1,3
1.3
10.5
CMS-GTD 1,4
1.4
10.5
CMS-GTD 2,0
2.0
10.5
CMS-GTD 3,0
3.0
10.5
Type
d
[mm]
CMS-GTG 0,1
0.1
CMS-GTG 0,3
0.3
CMS-GTG 0,5
0.5
CMS-GTG 0,75
0.75
CMS-GTG 1,0
1.0
CMS-GTG 1,5
1.5
CMS-GTG 3,0
3.0
l2
d1
3 mm
l2
d1
3 mm
d
3 mm
CMS-GT...
Milling Cutter, Drills, Chisels



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com