Electronic Components Datasheet Search
  English  ▼

X  

0806068 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 0806068
Description  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806068 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 0806068 Datasheet HTML 3Page - PHOENIX CONTACT 0806068 Datasheet HTML 4Page - PHOENIX CONTACT 0806068 Datasheet HTML 5Page - PHOENIX CONTACT 0806068 Datasheet HTML 6Page - PHOENIX CONTACT 0806068 Datasheet HTML 7Page - PHOENIX CONTACT 0806068 Datasheet HTML 8Page - PHOENIX CONTACT 0806068 Datasheet HTML 9Page - PHOENIX CONTACT 0806068 Datasheet HTML 10Page - PHOENIX CONTACT 0806068 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7. Technical Data
Double Layer Engraving Material
7.1 Description
Type
Order No.
Pcs.
Pkt.
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 0.8 mm
300 x 280 x 0.8
as required
GPK 300 x 280 x 0,8 ...
08 06 06 8
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
300 x 280 x 1.5
white
black
300 x 280 x 1.5
as required
GPK 300 x 280 x 1,5 WH/BK
GPK 300 x 280 x 1,5 ...
50 31 91 9
08 06 12 3
10
10
Engraving plates,
L x W x H [mm]
Surface Engraving
Material thickn. 1.5 mm
610 x 610 x 1.5
white
black
610 x 610 x 1.5
as required
GPK 610 x 610 x 1,5 WH/BK
GPK 610 x 610 x 1,5 ...
08 06 35 6
08 06 42 4
10
10
Ordering example: Engraving plates GPK
For 30 GPK 610 x 610 x 1,5... in white / red color (WH/RD),
the order data is as follows:
Pcs.
Order No.
Designation
30
08 06 42 4
GPK 610 x 610 x 1,5 WH/RD
GPK...
Double Layer Engraving Material
Phoenix Contact page 9 of 11
GPK...
Engraving material
Double Layer Engraving Material
The engraving material, GPK is a special double layer
plastic for interior use. It has excellent engraving
properties.
The material has a matt, non-reflecting surface with an
extremely thin upper layer. This gives it the following
advantages with regard to engraving:
– short processing time,
– higher tool life.
The plates are available in a variety of thicknesses and
colors. The GPK/SK plates are finished with a high-
grade adhesive foil which guarantees good adhesive
properties on almost all surfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com