Electronic Components Datasheet Search
  English  ▼

X  

EL4083CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4083CS
Description  Current Mode Four Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4083CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL4083CS Datasheet HTML 1Page - Intersil Corporation EL4083CS Datasheet HTML 2Page - Intersil Corporation EL4083CS Datasheet HTML 3Page - Intersil Corporation EL4083CS Datasheet HTML 4Page - Intersil Corporation EL4083CS Datasheet HTML 5Page - Intersil Corporation EL4083CS Datasheet HTML 6Page - Intersil Corporation EL4083CS Datasheet HTML 7Page - Intersil Corporation EL4083CS Datasheet HTML 8Page - Intersil Corporation EL4083CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Distortion, IX (to IXY or IXY)IY = 2mA, - 2mA < IX < 2mA
f = 3.58MHz
-55
dB
f = 100MHz
-25
dB
Distortion, IY (to IXY or IXY)IX = 2mA, - 2mA < Iy < 2mA
f = 3.58MHz
-56
dB
f = 100MHz
-26
dB
Distortion, IX (to (IXY - IXY)IY = 2mA, -2mA < IX < 2mA
f = 3.58MHz
-66
dB
f = 100MHz
-35
dB
Distortion, IY (to (IXY - IXY)IX = 2mA, -2mA < IY < 2mA
f = 3.58MHz
-66
dB
f = 100MHz
-34
dB
Diff Gain
@ 3.58MHz
IX
IZ = 0.2mA, IY = 0.25mA
0.2
%
IY
IZ = 0.2mA, IX = 0.25mA
0.17
%
IX
IZ = 1.6mA, IY = 2mA
0.1
%
IY
IZ = 1.6mA, IX = 2mA
0.05
%
Diff Phase
@ 3.58MHz
IX
IZ = 0.2mA, IY = 0.25mA
0.5
deg °
IY
IZ = 0.2mA, IX = 0.25mA
0.5
deg °
IX
IZ = 1.6mA, IY = 2mA
0.05
deg °
IY
IZ = 1.6mA, IX = 2mA
0.05
deg °
OUTPUTS (IXY, IYX)
Output IOS (Note 1)
IX = IY = 0
-15
±120
µA
Diff Output IOS (Note 1)
IX = IY = 0, (IXY-IXY)
±0.1
±80
µA
Voltage Compliance
±1.5
±2.0
V
Max Output Current Swing
±2.85
±3.2
mA
Noise Spectral Density
10Hz < f < 10MHz
RL = 50Ω
125
pA/
√Hz
IZ (BIAS)
Current Range
Tested
0.2
1.6
mA
Input Voltage
IZ = 0.2mA
±25
mV
Input Voltage
IZ = 1.6mA
±25
mV
NOTES:
1. Specifications are provisional for the EL4083.
2. Error is defined as the maximum deviation from the ideal transfer function expressed as a percentage of the full scale output.
3. Linearity is defined as the error remaining after compensating for scale factor (gain) variation and input and output referred offset errors.
4. Bandwidth is guaranteed using the squaring mode test circuit of Figure 4.
5. Relative to full scale output with full scale sinewave on signal input and zero port input nulled. Specification represents feedthrough of the
fundamental.
Electrical Specifications
TA = 25°C, VS = ±5, IZ = 1.6mA unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EL4083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com