Electronic Components Datasheet Search
  English  ▼

X  

EL4083CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL4083CS
Description  Current Mode Four Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4083CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL4083CS Datasheet HTML 6Page - Intersil Corporation EL4083CS Datasheet HTML 7Page - Intersil Corporation EL4083CS Datasheet HTML 8Page - Intersil Corporation EL4083CS Datasheet HTML 9Page - Intersil Corporation EL4083CS Datasheet HTML 10Page - Intersil Corporation EL4083CS Datasheet HTML 11Page - Intersil Corporation EL4083CS Datasheet HTML 12Page - Intersil Corporation EL4083CS Datasheet HTML 13Page - Intersil Corporation EL4083CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
EL4083 Macromodel (Continued)
*EL4083 Macromodel
*Revision A, August 22, 1994
*
*Connection:
IZ(BIAS)
*
|
IX(in)
*
|
|
IY(in)
*
|
|
|
VEE
*
|
|
|
|
VCC
*
|
|
|
|
|
IXY
*
|
|
|
|
|
|
/IXY
*
|
|
|
|
|
|
|
.subckt EL4083 ZIN XIN YIN VEE VCC IXY IYX
.MODEL M1MP5DIODE D TT=60p IS=1f CJO=300f VJ=600m XTI=3 EG=1.11 RS=80m
.MODEL M2MDCAP D TT=100n IS=2e-17 CJO=1p VJ=800m RS=300
.MODEL M3MNPN1 NPN CJC=1.3p TF=120p IS=1.04f BF=120 CJS=480f
.MODEL M4MPNP1 PNP CJC=1.79p TF=50.166666666667p IS=1f BF=90 CJS=480f
C1 N9 N7 9p
C2 N7 0 350f
C3 N19 N16 9p
C4 N16 0 350f
D1 0 N15 M2MDCAP 12
D10 0 N26 M1MP5DIODE 1
D11 N26 N27 M1MP5DIODE 1
D12 N29 N30 M1MP5DIODE 1
D13 0 N31 M1MP5DIODE 1
D14 VBP N34 M1MP5DIODE 2
D15 N34 VBP M1MP5DIODE 2
D16 0 N34 M2MDCAP 12.5
D17 N35 0 M2MDCAP 12.5
D18 N35 VBN M1MP5DIODE 2
D19 VBN N35 M1MP5DIODE 2
D2 N15 0 M2MDCAP 12
D20 N42 N10 M2MDCAP 4
D21 N10 0 M2MDCAP 4
D22 0 N20 M2MDCAP 4
D23 N20 N45 M2MDCAP 4
D3 0 N12 M1MP5DIODE 8
D4 N55 N13 M1MP5DIODE 8
D5 0 N25 M2MDCAP 6
D6 N25 0 M2MDECAP 6
D7 0 N22 M1MP5DIODE 8
D8 N54 N23 M1MP5DIODE 8
D9 0 N28 M1MP5DIODE 1
EV94 0 VBN 0 N45 1
EV95 VBP 0 N42 0 1
EV96 N54 0 N21 0 650m
EV97 N55 0 N11 0 650m
EV98 N27 0 N28 0 1
EV99 N29 0 SWIN 0 1
FI10 VN-VEE VFI10 1
FI11 VCC VP-VFI11 1
FI12 VCC N39 VFI12 1
FI13 N37 VEE VFI13 1
FI14 VCC N38 VFI14 1
FI15 N36 VEE VFI15 1
FI16 N45 VEE VFI16 1
FI17 VCC N42 VFI17 1
FI18 N37 N36 VFI18 500m
FI19 N38 N39 VFI19 500m
FI20 VN+ VN- VFI20 500m
EL4083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com