Electronic Components Datasheet Search
  English  ▼

X  

EL4094CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4094CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL4094CS Datasheet HTML 2Page - Intersil Corporation EL4094CS Datasheet HTML 3Page - Intersil Corporation EL4094CS Datasheet HTML 4Page - Intersil Corporation EL4094CS Datasheet HTML 5Page - Intersil Corporation EL4094CS Datasheet HTML 6Page - Intersil Corporation EL4094CS Datasheet HTML 7Page - Intersil Corporation EL4094CS Datasheet HTML 8Page - Intersil Corporation EL4094CS Datasheet HTML 9Page - Intersil Corporation EL4094CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance Curves (Continued)
Differential Gain and
Phase Error vs Gain
Differential Gain and
Phase Error vs Gain
Gain vs VG. 1VDC at VINA
Cross-Fade Balance. VINA = VINB = 0V
Gain Control Response to a Non-Overloading Step,
Constant Sinewave at VINA
VGAIN Overload Recovery Response
EL4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com