Electronic Components Datasheet Search
  English  ▼

X  

EL4094CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4094CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL4094CS Datasheet HTML 3Page - Intersil Corporation EL4094CS Datasheet HTML 4Page - Intersil Corporation EL4094CS Datasheet HTML 5Page - Intersil Corporation EL4094CS Datasheet HTML 6Page - Intersil Corporation EL4094CS Datasheet HTML 7Page - Intersil Corporation EL4094CS Datasheet HTML 8Page - Intersil Corporation EL4094CS Datasheet HTML 9Page - Intersil Corporation EL4094CS Datasheet HTML 10Page - Intersil Corporation EL4094CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Typical Performance Curves (Continued)
Applications Information
The EL4094 is a self-contained and calibrated fader
subsystem. When a given channel has 100% gain the circuit
behaves as a current-feedback amplifier in unity-gain
connection. As such, video and transfer distortions are very
low. As the gain of the input is reduced, a 2-quadrant
multiplier is gradually introduced into the signal path and
distortions increase with reducing gain.
The input impedance also changes with gain setting, from
about 1M
Ω at 100% gain down to 16kΩ at zero gain. To
maximize gain accuracy and linearity, the inputs should be
driven from source impedances of 500
Ω or less.
Linearity
The EL4094 is designed to work linearly with ±2V inputs, but
lowest distortion occurs at ±1V levels and below. Errors are
closer to those of a good current-feedback amplifier above
90% gain.
Low-frequency linearity is 0.1% or better for gains 25% to
100% and inputs up to 1V. NTSC differential gain and phase
errors are better than 0.3% and 0.3° for the 25% to 100%
gain range. These distortions are not strongly affected by
Gain Control Gain vs Frequency
Change in V(100%) and V(0%) of
Gain Control vs /VG Offset
Change in V(100%) and V(0%) of Gain
Control vs Supply Voltage
Change in V(100%) and V(0%) of Gain
Control vs Die Temperature
Supply Current vs Supply Voltage
Maximum Dissipation vs
Ambient Temperature
EL4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com