Electronic Components Datasheet Search
  English  ▼

X  

EL4332CSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4332CSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4332CSZ Datasheet HTML 5Page - Intersil Corporation EL4332CSZ Datasheet HTML 6Page - Intersil Corporation EL4332CSZ Datasheet HTML 7Page - Intersil Corporation EL4332CSZ Datasheet HTML 8Page - Intersil Corporation EL4332CSZ Datasheet HTML 9Page - Intersil Corporation EL4332CSZ Datasheet HTML 10Page - Intersil Corporation EL4332CSZ Datasheet HTML 11Page - Intersil Corporation EL4332CSZ Datasheet HTML 12Page - Intersil Corporation EL4332CSZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Logic Inputs
The A/B select, logic input, is internally referenced to
ground. It is set at 2 diode drops above ground, to give a
threshold of about 1.4V (see Figure 27). The PNP input
transistor requires that the driving gate be able to sink
current, typically < 30µA, for a logic “low”. If left to float, it will
be a logic “high”.
The input PNP transistors have sufficient gain that a simple
level shift circuit (see Figure 28) can be used to provide a
simple interface with Emitter Coupled Logic. Typically,
200mV is enough to switch from a solid logic “low” to a
“high.”
The capacitor CFF is only in the network to prevent the A/B
pin’s capacitance from slowing the control signal. The
network shown level shifts the ECL levels, -0.7V to -1.5V to
+1.6V and +1.1V respectively. The terminating resistor, RTT,
is required since the open emitter of the ECL gate can not
sink current. If a -2V rail is not being used, a 220
Ω to 330Ω
resistor to the -5.2V rail would have the same effect.
FIGURE 27. SIMPLIFIED LOGIC INPUT STAGE
FIGURE 28. ADAPTING THE SELECT PIN
FOR ECL LOGIC LEVELS
EL4332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com