Electronic Components Datasheet Search
  English  ▼

X  

EL4332CSZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4332CSZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL4332CSZ Datasheet HTML 6Page - Intersil Corporation EL4332CSZ Datasheet HTML 7Page - Intersil Corporation EL4332CSZ Datasheet HTML 8Page - Intersil Corporation EL4332CSZ Datasheet HTML 9Page - Intersil Corporation EL4332CSZ Datasheet HTML 10Page - Intersil Corporation EL4332CSZ Datasheet HTML 11Page - Intersil Corporation EL4332CSZ Datasheet HTML 12Page - Intersil Corporation EL4332CSZ Datasheet HTML 13Page - Intersil Corporation EL4332CSZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Expanding the Multiplexer
In Figure 29, a 3:1 multiplexer circuit is shown. The
expansion to more inputs is very straight forward. Since the
EL4332 has a fixed gain of 2, interstage attenuators may be
required as shown in Figure 28. The truth table for the 3:1
multiplexer select lines is:
When interstage attenuators are used, the values should be
kept down in the region of 50
Ω–300Ω. This is to prevent a
combination of circuit board stray capacitance and the
EL4332’s input capacitance forming a significant pole. For
example, if instead of 100
Ω as shown, resistors of 1kΩ had
been used, and assuming 3pF of stray and 3pF of input
capacitance, a pole would be formed at about 53MHz.
TABLE 1.
XY
MUX OUTPUT
0
0
R3, G3, B3
0
1
R2, G2, B2
1
X
R1, G1, B1
FIGURE 29. TYPICAL CONNECTION FOR A 3:1 COMPONENT VIDEO MULTIPLEXER
EL4332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com