Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVR
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA607IDBVR Datasheet HTML 4Page - Texas Instruments OPA607IDBVR Datasheet HTML 5Page - Texas Instruments OPA607IDBVR Datasheet HTML 6Page - Texas Instruments OPA607IDBVR Datasheet HTML 7Page - Texas Instruments OPA607IDBVR Datasheet HTML 8Page - Texas Instruments OPA607IDBVR Datasheet HTML 9Page - Texas Instruments OPA607IDBVR Datasheet HTML 10Page - Texas Instruments OPA607IDBVR Datasheet HTML 11Page - Texas Instruments OPA607IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Reference
Current
V+
V
IN+
V
INÛ
VÛ
(Ground)
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
100 k
PD
PD block
NMOS input pair
for phase reversal
protection only
8
OPAX607
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPAX607 is a low-noise, rail-to-rail output (RRO) operational amplifier (op amp). The device operates from a
supply voltage of 2.2 V to 5.5 V. The input common-mode voltage range also extends down to the negative rail
allowing the OPAX607 op amp to be used in most single-supply applications. Rail-to-rail output swing
significantly increases dynamic range, especially in low-supply, voltage-range applications, which results in
complete usage of the full-scale range of the consecutive analog-to-digital converters (ADCs). The
decompensated architecture allows for a favorable tradeoff of low-quiescent current for a very-high gain-
bandwidth product (GBW) and low-distortion performance in high-gain applications.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Operating Voltage
The OPAX607 operational amplifier is fully specified and assured for operation from 2.2 V to 5.5 V, applicable
from –40°C to +125°C. The OPAX607 is completely operational with asymmetric voltages applied across the
supply pins. The total voltage (that is, (VS+) – (VS–)) must be less than the supply voltage mentioned in the
Absolute Maximum Ratings table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com