Electronic Components Datasheet Search
  English  ▼

X  

OPA607IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607IDBVR
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA607IDBVR Datasheet HTML 9Page - Texas Instruments OPA607IDBVR Datasheet HTML 10Page - Texas Instruments OPA607IDBVR Datasheet HTML 11Page - Texas Instruments OPA607IDBVR Datasheet HTML 12Page - Texas Instruments OPA607IDBVR Datasheet HTML 13Page - Texas Instruments OPA607IDBVR Datasheet HTML 14Page - Texas Instruments OPA607IDBVR Datasheet HTML 15Page - Texas Instruments OPA607IDBVR Datasheet HTML 16Page - Texas Instruments OPA607IDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Input RMS voltage (V)
20
30
40
50
60
70
80
90
100
100P
1m
10m
100m
D001
50 dB Gain
33 dB Gain
Frequency (Hz)
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
D005
Gain setting = 33 dB
Gain setting = 50 dB
13
OPAX607
www.ti.com
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
The signal chain discussed here, is with a signal frequency at 200 kHz. The signal chain can be tweaked to
support lower frequencies with an appropriate tuning of the band-pass filter. Because the reflected signal
amplitude varies based on the distance of the reflecting object, one of the prime challenges in a design is to have
a wide dynamic range.
To achieve a SNR of greater than 40 dB for signals from 300 uVrms to 30 mV, a variable-gain front-end stage
based on the OPAX607 was chosen. The front-end stage has two gain settings: 6 V/V and 31 V/V. The SW
(switch, relay, or analog mux) can be dynamically toggled to ensure maximum sensitively to the receiving signal.
The OPAX607 proves to be an attractive solution for this front-end signal chain because of the high input
impedance of the OPAX607. Besides the high input impedance, the OPAX607 also has very low quiescent
current, making the device very suitable for a dense, high-channel-count system. The ultrasonic receive sensors
(piezo crystal) have source impedance in the range of a few tens of kilohms. The OPAX607 has an input bias
current of 20 pA (maximum). This small bias current results in reduced distortion when compared with a bipolar
amplifier with input bias currents in the range of a few hundreds of nano-amperes. The OPAX607 large-gain
front-end is followed by a narrowband band-pass filter that is tuned to a 200-kHz center frequency. The
narrowband filter is designed using the OPA836,TI's 5-V bipolar family of op amps with excellent bandwidth to IQ
ratio. The driving stage of the OPA836 is a low-impedance output of the OPAX607, hence the higher input bias
current of the OPA836 is not a cause of concern. The OPA836-based band-pass filter was designed using the
techniques mentioned in the Filter Design in Thirty Seconds application report. A 1-µF capacitor is placed in the
feedback network of the OPAX607 (as in Figure 4) to reject the DC bias in the received signal since the AC
component is of interest in the received signal. The 1-µF capacitor gives the OPAX607 a high-pass response
with a low cutoff frequency that ensures any DC signal picked up by the Rx node is filtered and only the AC
signal gets gained.
Figure 6 shows the frequency response of Figure 4. As shown in Figure 6, the frequency response is a high-Q
factor band-pass filter centered around 200 kHz. Designing such a high-Q band-pass filter helps eliminate white
band noise along with other interferences present in the circuitry, resulting in a high SNR signal chain. The
OPAX607 front-end and the OPA836-based band-pass filter together help achieve a total gain of 33 dB (44 V/V)
or 50 dB (316 V/V) based on the SW (switch) position. Assuming the maximum full-scale input (FSR) of a dual
supply (±2.5 V) powered ADC to be approximately 2.2 V, the 50-dB gain mode can be used to achieve greater
than a 40-dB SNR for signals from 300 µVrms to 5 mVrms. Because the received signal is a sine wave at 5
mVrms, the Vpeak of the 50-dB amplified signal crosses 2.2 V, resulting in a violation of the maximum input range
of the following ADC, as per the FSR assumptions. Beyond 5 mV, the 33-dB gain mode is used and helps
extend the maximum allowable input voltage from 5 mV to 50 mV. Figure 5 shows the achievable SNR as a
function of the input voltage. Figure 5 shows that operating on the 50-dB gain mode is always favorable until the
input Vrms voltage nears 5 mV to achieve higher SNR.
The SNR value is for the op-amp-based signal chain only. The SNR value of the ADC or fully differential amplifier
(FDA) further effects the reported value in Figure 5 and must be vectorially added to arrive at the total signal-
chain SNR.
9.2.1.3 Application Curves
Figure 5. Signal-Chain SNR vs Input
Figure 6. Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com