Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PD
1 µA
To
amplifier
core
VS+
GND
THP210
Enabled
MOSFET
THRESHOLD
Powerdown
12
THP210
SBOS932 – FEBRUARY 2020
www.ti.com
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Most applications for the THP210 strive to deliver the best dynamic range in a design that delivers the desired
signal processing along with adequate phase margin for the amplifier itself. The following sections detail some of
the design issues with analysis and guidelines for improved performance.
8.1.1 Driving Capacitive Loads
The capacitive load of an ADC or some other next-stage device is commonly required to be driven. Directly
connecting a capacitive load to the output pins of a closed-loop amplifier such as the THP210 can lead to an
unstable response. One typical remedy to this instability is to add two small series resistors (RO) at the outputs of
the THP210 before the capacitive load. Good practice is to leave a place for the RO elements in a board layout (a
0-Ω value initially) for later adjustment, in case the response appears unacceptable.
8.1.2 Operating the Power-Down Feature
The power-down feature on the THP210 allows the device to be put into a low power-consumption state, in
which quiescent current is minimized. To force the device into the low-power state, drive the PD pin to less than
2 V less than the positive supply voltage (VVS+ – 2 V). Driving the PD pin to less than 2 V forces the internal logic
to disable both the differential and common-mode amplifiers. The PD pin has an internal pullup current that
allows for the pin to be used in an open-drain MOSFET configuration without an additional pullup resistor, as
seen in Figure 12. In this configuration, the logic level can be referenced to the MOSFET, and the voltage at the
PD pin is level-shifted to account for use with high supply voltages. Be sure to select an N-type MOSFET with a
maximum BVDSS greater than the total supply voltage.
Figure 12. Power-Down (PD) Pin Interface With Low-Voltage Logic Level Signals
For applications that do not use the power-down feature, tie the PD pin to the positive supply voltage.
When PD is low (device is in power down) the output pins will be in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com