Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2
2
o
ni
N
F
F
e
e NG
2 i R
2 4kTR NG
+
±
In+
2
In±
2
eno
2
RF
RG
RF
RG
enRg
2
enRf
2
enRg
2
enRf
2
eni
2
13
THP210
www.ti.com
SBOS932 – FEBRUARY 2020
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Application Information (continued)
8.1.3 Noise Performance
The first step in the output noise analysis is to reduce the application circuit to the simplest form with equal
feedback and gain setting elements to ground. Figure 13 shows the simplest analysis circuit with the FDA and
resistor noise terms to be considered.
Figure 13. FDA Noise Analysis Circuit
The noise powers are shown in Figure 13 for each term. When the RF and RG (or RI) terms are matched on each
side, the total differential output noise is the root sum squared (RSS) of these separate terms.
Using NG
≡ 1 + RF / RG, the total output noise is given by Equation 1.
Each resistor noise term is a 4kT × R power (4kT = 1.6E-20 J at 290 K).
(1)
The first term is simply the differential input spot noise times the noise gain, the second term is the input current
noise terms times the feedback resistor (and because there are two uncorrelated current noise terms, the power
is two times one of them), and the last term is the output noise resulting from both the RF and RG resistors, at
again twice the value for the output noise power of each side added together. Running a wide sweep of gains
when holding RF to 2 kΩ gives the standard values and resulting noise listed in Table 1.
When the gain increases, the input-referred noise approaches only the gain of the FDA input voltage noise term
at 3.7 nV/
√Hz.
Table 1. Swept Gain of the Output- and Input-Referred Spot Noise Calculations
GAIN (V/V)
RF
RG1
AV
EO (nV/√Hz)
EI (nV/√Hz)
0.1
2000
20000
0.1
9.4
93.9
1
2000
2000
1
13.6
13.6
2
2000
1000
2
17.8
8.9
5
2000
402
4.98
29.5
5.9
10
2000
200
10
48.6
4.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com