Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL7457CS Datasheet HTML 1Page - Intersil Corporation EL7457CS Datasheet HTML 2Page - Intersil Corporation EL7457CS Datasheet HTML 3Page - Intersil Corporation EL7457CS Datasheet HTML 4Page - Intersil Corporation EL7457CS Datasheet HTML 5Page - Intersil Corporation EL7457CS Datasheet HTML 6Page - Intersil Corporation EL7457CS Datasheet HTML 7Page - Intersil Corporation EL7457CS Datasheet HTML 8Page - Intersil Corporation EL7457CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7288.3
January 3, 2005
Typical Performance Curves
FIGURE 1. SWITCH THRESHOLD vs SUPPLY VOLTAGE
FIGURE 2. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 3. “ON” RESISTANCE vs SUPPLY VOLTAGE
FIGURE 4. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs TEMPERATURE
FIGURE 6. PROPAGATION DELAY vs SUPPLY VOLTAGE
T=25°C
HIGH LIMIT=2.4V
LOW LIMIT=0.8V
HYSTERESIS
1.8
1.6
1.4
1.2
1
5
7
10
12
15
SUPPLY VOLTAGE (V)
T=25°C
ALL INPUTS=0
ALL INPUTS=VS+
2
1.6
1.2
0.8
0
5
7
10
12
15
SUPPLY VOLTAGE (V)
0.4
IOUT=100mA
T=25°C
VL TO OUT
9
8
6
4
2
5
7
10
12
15
SUPPLY VOLTAGE (V)
3
7
5
VH TO OUT
CL=1000pF
T=25°C
25
20
15
10
5
5
7
10
12
15
SUPPLY VOLTAGE (V)
tF
tR
CL=1000pF
VS+=15V
16
14
12
8
6
-50
0
50
100
125
TEMPERATURE (°C)
tF
tR
10
25
75
-25
CL=1000pF
25
20
15
5
510
15
SUPPLY VOLTAGE (V)
10
12
7
tD2
tD1
EL7457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com