Electronic Components Datasheet Search
  English  ▼

X  

EL7457CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7457CS
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL7457CS Datasheet HTML 1Page - Intersil Corporation EL7457CS Datasheet HTML 2Page - Intersil Corporation EL7457CS Datasheet HTML 3Page - Intersil Corporation EL7457CS Datasheet HTML 4Page - Intersil Corporation EL7457CS Datasheet HTML 5Page - Intersil Corporation EL7457CS Datasheet HTML 6Page - Intersil Corporation EL7457CS Datasheet HTML 7Page - Intersil Corporation EL7457CS Datasheet HTML 8Page - Intersil Corporation EL7457CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7288.3
January 3, 2005
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL7457CU
16-Pin QSOP
(0.150”)
-
MDP0040
EL7457CSZ
(See Note)
16-Pin SO
(0.150”)
(Pb-Free)
-
MDP0027
EL7457CU-T7
16-Pin QSOP
(0.150”)
7”
MDP0040
EL7457CSZ-T7
(See Note)
16-Pin SO
(0.150”)
(Pb-Free)
7”
MDP0027
EL7457CU-T13
16-Pin QSOP
(0.150”)
13”
MDP0040
EL7457CSZ-T13
(See Note)
16-Pin SO
(0.150”)
(Pb-Free)
13”
MDP0027
EL7457CUZ
(See Note)
16-Pin QSOP
(0.150”)
(Pb-Free)
-
MDP0040
EL7457CL
16-Pin QFN
(4x4mm)
-
MDP0046
EL7457CUZ-T7
(See Note)
16-Pin QSOP
(0.150”)
(Pb-Free)
7”
MDP0040
EL7457CL-T7
16-Pin QFN
(4x4mm)
7”
MDP0046
EL7457CUZ-T13
(See Note)
16-Pin QSOP
(0.150”)
(Pb-Free)
13”
MDP0040
EL7457CL-T13
16-Pin QFN
(4x4mm)
13”
MDP0046
EL7457CS
16-Pin SO
(0.150”)
-
MDP0027
EL7457CLZ
(See Note)
16-Pin QFN
(4x4mm)
(Pb-Free)
-
MDP0046
EL7457CS-T7
16-Pin SO
(0.150”)
7”
MDP0027
EL7457CLZ-T7
(See Note)
16-Pin QFN
(4x4mm)
(Pb-Free)
7”
MDP0046
EL7457CS-T13
16-Pin SO
(0.150”)
13”
MDP0027
EL7457CLZ-T13
(See Note)
16-Pin QFN
(4x4mm)
(Pb-Free)
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
EL7457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com