| Electronic Components Datasheet Search |
|
DN2625 Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DN2625 Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 14 page ![]() 2017 Microchip Technology Inc. DS20005537B-page 1 DN2625 Features • Very Low Gate Threshold Voltage • Designed to be Source-driven • Low Switching Losses • Low Effective Output Capacitance • Designed for Inductive Loads Applications • Medical Ultrasound Beamforming • Ultrasonic Array-focusing Transmitter • Piezoelectric Transducer Waveform Drivers • High-speed Arbitrary Waveform Generator • Normally-on Switches • Solid-state Relays • Constant Current Sources • Power Supply Circuits General Description The DN2625 is a low-threshold Depletion-mode (normally-on) transistor that utilizes an advanced vertical DMOS structure and a well-proven silicon gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors as well as the high input impedance and positive temperature coefficient inherent in Metal-Oxide Semiconductor (MOS) devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally induced secondary breakdown. Vertical DMOS Field-Effect Transistors (FETs) are ide- ally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance and fast switching speeds are desired. The DN2625DK6-G contains two MOSFETs in an 8-lead, dual-pad DFN package. The DN2625 contains a single MOSFET in a TO-252 D-PAK package. Package Types TO-252 D-PAK (Top view) GATE SOURCE DRAIN See Table 3-1 and Table 3-2 for pin information. 8 1 2 3 4 7 6 5 S1 G1 D1 S2 G2 D1 D2 D2 D1 D2 8-lead DFN (Dual Pad) (Top view) N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options |
Similar Part No. - DN2625 |
|
Similar Description - DN2625 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |