Electronic Components Datasheet Search
  English  ▼

X  

DN2625 Datasheet(PDF) 11 Page - Microchip Technology

Part # DN2625
Description  N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2625 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DN2625 Datasheet HTML 6Page - Microchip Technology DN2625 Datasheet HTML 7Page - Microchip Technology DN2625 Datasheet HTML 8Page - Microchip Technology DN2625 Datasheet HTML 9Page - Microchip Technology DN2625 Datasheet HTML 10Page - Microchip Technology DN2625 Datasheet HTML 11Page - Microchip Technology DN2625 Datasheet HTML 12Page - Microchip Technology DN2625 Datasheet HTML 13Page - Microchip Technology DN2625 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2017 Microchip Technology Inc.
DS20005537B-page 11
DN2625
APPENDIX A: REVISION HISTORY
Revision A (December 2016)
• Converted Supertex Document DSFP-DN2625 to
Microchip DS20005537B
• Removed obsolete package, 14-lead QFN
• Changed the TO-252 D-PAK packaging quantity
from 1000/Bag to 2000/Reel
• Revised the Features section
Revision B (May 2017)
• Corrected the 8L DFN Package Outline dimen-
sions by changing it from 4 mm x 4 mm body/1
mm height/1 mm pitch to 5 mm x 5 mm body/0.9
mm height/1.27 mm pitch
• Made minor text changes throughout the docu-
ment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com