Electronic Components Datasheet Search
  English  ▼

X  

0709136 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0709136
Description  Feed-through terminal block - HDFK 25-VP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0709136 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0709136 Datasheet HTML 1Page - PHOENIX CONTACT 0709136 Datasheet HTML 2Page - PHOENIX CONTACT 0709136 Datasheet HTML 3Page - PHOENIX CONTACT 0709136 Datasheet HTML 4Page - PHOENIX CONTACT 0709136 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0709136
19.10.2012   Page 1 / 5
Feed-through terminal block - HDFK 25-VP - 0709136
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Screw connection, Bolt connection, Load
current : 125 A, Cross section: 6 mm² - 35 mm², AWG 8 - 3, Connection direction of the conductor to
plug-in direction: 0 °, Width: 15.1 mm, Color: gray
 
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 635 (CC-2009)
GTIN
Custom tariff number
85369010
Country of origin
GREECE
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
15.1 mm
Length
68.6 mm
Technical data
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
101 A
Nominal voltage UN
500 V


Similar Part No. - 0709136

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
More results

Similar Description - 0709136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707743 PHOENIX-0707743 Datasheet
78Kb / 5P
Feed-through terminal block - HDFK 25
0708959 PHOENIX-0708959 Datasheet
73Kb / 5P
Panel feed-through terminal block - HDFK 25-VP-DP
0709110 PHOENIX-0709110 Datasheet
86Kb / 6P
Feed-through terminal block - HDFK 10-VP
0709123 PHOENIX-0709123 Datasheet
83Kb / 7P
Feed-through terminal block - HDFK 50-VP
0709149 PHOENIX-0709149 Datasheet
74Kb / 5P
Panel feed-through terminal block - HDFK 25-VP GNYE
0709796 PHOENIX-0709796 Datasheet
76Kb / 5P
Panel feed-through terminal block - HDFK 16-VP
0711205 PHOENIX-0711205 Datasheet
73Kb / 5P
Panel feed-through terminal block - HDFK 25-VP/Z
0717063 PHOENIX-0717063 Datasheet
72Kb / 5P
Panel feed-through terminal block - HDFK 16-VP/Z
0717335 PHOENIX-0717335 Datasheet
48Kb / 3P
Panel feed-through terminal block - HDFK 25-VP SLS/Z
0717979 PHOENIX-0717979 Datasheet
53Kb / 4P
Panel feed-through terminal block - HDFK 95-VP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com