Electronic Components Datasheet Search
  English  ▼

X  

0709136 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0709136
Description  Feed-through terminal block - HDFK 25-VP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0709136 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0709136 Datasheet HTML 1Page - PHOENIX CONTACT 0709136 Datasheet HTML 2Page - PHOENIX CONTACT 0709136 Datasheet HTML 3Page - PHOENIX CONTACT 0709136 Datasheet HTML 4Page - PHOENIX CONTACT 0709136 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0709136
19.10.2012   Page 2 / 5
Feed-through terminal block - HDFK 25-VP - 0709136
Technical data
Technical data
Open side panel
nein
Connection data
Note
Note: Product releases, connection cross sections and notes on
connecting aluminum cables can be found in the download area.
Conductor cross section solid min.
6 mm²
Conductor cross section solid max.
35 mm²
Conductor cross section stranded min.
10 mm²
Conductor cross section stranded max.
25 mm²
Conductor cross section AWG/kcmil min.
10
Conductor cross section AWG/kcmil max
2
Conductor cross section stranded, with ferrule without plastic
sleeve min.
4 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
4 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
25 mm²
2 conductors with same cross section, solid min.
2.5 mm²
2 conductors with same cross section, solid max.
10 mm²
2 conductors with same cross section, stranded min.
4 mm²
2 conductors with same cross section, stranded max.
10 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
2.5 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
10 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, min.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
10 mm²
Connection method
Screw connection
Stripping length
19 mm
Internal cylindrical gage
B8
Screw thread
M5
Tightening torque, min
4 Nm
Tightening torque max
4.5 Nm
Classifications
eclass
eCl@ss 4.0
27141131
eCl@ss 4.1
27141131
eCl@ss 5.0
27141134
eCl@ss 5.1
27141134
eCl@ss 6.0
27141134



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com