Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 32Page - Texas Instruments LP5907 Datasheet HTML 33Page - Texas Instruments LP5907 Datasheet HTML 34Page - Texas Instruments LP5907 Datasheet HTML 35Page - Texas Instruments LP5907 Datasheet HTML 36Page - Texas Instruments LP5907 Datasheet HTML 37Page - Texas Instruments LP5907 Datasheet HTML 38Page - Texas Instruments LP5907 Datasheet HTML 39Page - Texas Instruments LP5907 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(0.35)
(0.35)
0.0375 MAX
0.0375 MIN
(0.175)
(0.175)
4X (
0.18)
SOLDERMASK
OPENING
(
0.18)
METAL
(
0.18)
SOLDERMASK
OPENING
METAL UNDER
SOLDER MASK
DSBGA - 0.33mm MAX HEIGHT
YKG0004
DIE SIZE BALL GRID ARRAY
4218366/D 11/2017
SYMM
SYMM
2
1
B
A
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:60X
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
Refer to Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDERMASK DETAILS
NOT TO SCALE
NON SOLDERMASK
DEFINED
EXPOSED
METAL
SOLDERMASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com