Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180512
10 s/DIV
10 mV/
DIV
1V/DIV
VIN
VOUT
(AC Coupled)
SVA-30180511
10 s/DIV
VOUT
(AC Coupled)
10 mV/
DIV
1V/DIV
VIN
SVA-30180510
2 ms/DIV
VOUT
2V/DIV
2V/DIV
1A/DIV
VIN = VEN
IIN
SVA-30180509
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
D010
3.0
3.5
4.0
4.5
5.0
5.5
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
VIN(V)
Load = 10 mA
-40°C
90°C
25°C
SVA-30180568
9
LP5907
www.ti.com
SNVS798N – APRIL 2012 – REVISED APRIL 2018
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.7 V, VOUT = 2.8 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TA = 25°C (unless otherwise noted)
Figure 7. ΔVOUT vs Temperature
Figure 8. Line Regulation
Figure 9. Inrush Current
VIN = 3.2 V ↔ 4.2 V, load = 1 mA
Figure 10. Line Transient
VIN = 3.2 V ↔ 4.2 V, load = 250 mA
Figure 11. Line Transient
Load = 0 mA
↔ 250 mA, –40°C
Figure 12. Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com