Electronic Components Datasheet Search
  English  ▼

X  

74ACT175 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT175
Description  QUAD D FLIP-FLOP WITH MASTER RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT175 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT175 Datasheet HTML 1Page - ON Semiconductor 74ACT175 Datasheet HTML 2Page - ON Semiconductor 74ACT175 Datasheet HTML 3Page - ON Semiconductor 74ACT175 Datasheet HTML 4Page - ON Semiconductor 74ACT175 Datasheet HTML 5Page - ON Semiconductor 74ACT175 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FACT DATA
Quad D FlipFlop With
Master Reset
The MC74AC/ACT175 is a high-speed quad D flip-flop. The device is useful for
general flip-flop requirements where clock and clear inputs are common. The
information on the D inputs is transferred to storage during the LOW-to-HIGH clock
transition. The device has a Master Reset to simultaneously clear all flip-flops, when
MR is low.
The MC74AC/ACT175 consists of four edge-triggered D flip-flops with individual
D inputs and Q and Q outputs. The Clock (CP) and Master Reset (MR) are common
to all flip-flops. Each D input’s state is transferred to the corresponding flip-flop’s
output following the LOW-to-HIGH Clock (CP) transition. A LOW input to the Master
Reset (MR) will force all Q outputs LOW and Q outputs HIGH independent of Clock
or Data inputs. The MC74AC/ACT175 is useful for applications where the Clock and
Master Reset are common to all storage elements.
• Outputs Source/Sink 24 mA
• ′ACT175 Has TTL Compatible Inputs
Pinout: 16-Lead Packages (Top View)
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
Q3
Q3
D3
D2
Q2
Q2
CP
MR
Q0
Q0
D0
D1
Q1
Q1
GND
PIN NAMES
Data Inputs
Clock Pulse Input
Master Reset Input
Outputs
Outputs
D0 – D3
CP
MR
Q0 – Q3
Q0 – Q3
TRUTH TABLE
Inputs
Outputs
MR
CP
D
Qn
Qn
L
X
X
L
H
H
H
H
L
H
L
L
H
H
L
X
Qn
Qn
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
= LOW-to-HIGH Transition of Clock
MC74AC175
MC74ACT175
QUAD D FLIP-FLOP
WITH MASTER RESET
N SUFFIX
CASE 648-08
PLASTIC
D SUFFIX
CASE 751B-05
PLASTIC
LOGIC SYMBOL
D0
D1
D2
D3
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
CP
MR


Similar Part No. - 74ACT175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT175 TI-74ACT175 Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
logo
Fairchild Semiconductor
74ACT175 FAIRCHILD-74ACT175 Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74ACT175 FAIRCHILD-74ACT175 Datasheet
317Kb / 12P
Quad D-Type Flip-Flop
74ACT175MTC FAIRCHILD-74ACT175MTC Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74ACT175MTC FAIRCHILD-74ACT175MTC Datasheet
317Kb / 12P
Quad D-Type Flip-Flop
More results

Similar Description - 74ACT175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
Hex D Flip-Flop with Master Reset
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
logo
Texas Instruments
CD74AC175 TI-CD74AC175 Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
Quad D Flip-flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com