Electronic Components Datasheet Search
  English  ▼

X  

74ACT175 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT175
Description  QUAD D FLIP-FLOP WITH MASTER RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT175 Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT175 Datasheet HTML 1Page - ON Semiconductor 74ACT175 Datasheet HTML 2Page - ON Semiconductor 74ACT175 Datasheet HTML 3Page - ON Semiconductor 74ACT175 Datasheet HTML 4Page - ON Semiconductor 74ACT175 Datasheet HTML 5Page - ON Semiconductor 74ACT175 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC175 MC74ACT175
5-5
FACT DATA
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
175
145
MHz
3-3
fmax
Frequency
5.0
175
145
MHz
3-3
tPLH
Propagation Delay
CP to Qn
5.0
2.0
10.0
1.5
11.0
ns
3-6
tPLH
CP to Qn
5.0
2.0
10.0
1.5
11.0
ns
3-6
tPHL
Propagation Delay
CP to Qn
5.0
2.0
11.0
1.5
12.0
ns
3-6
tPHL
CP to Qn
5.0
2.0
11.0
1.5
12.0
ns
3-6
tPHL
Propagation Delay
MR to Qn or Qn
5.0
2.0
9.5
1.5
10.5
ns
3-6
tPHL
MR to Qn or Qn
5.0
2.0
9.5
1.5
10.5
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
(H)
Set-up Time, HIGH or LOW
5.0
2.0
2.5
2.0
2.5
ns
3-9
(L)
Dn to CP
5.0
2.5
2.5
ns
3-9
th
Hold Time, HIGH or LOW
5.0
1.0
1.0
ns
3-9
th
Dn to CP
5.0
1.0
1.0
ns
3-9
tw
MR Pulse Width, LOW
5.0
3.0
4.0
ns
3-6
tw
5.0
3.0
4.0
ns
3-6
tw
CP Pulse Width,
5.0
3.0
3.5
ns
3-6
tw
HIGH or LOW
5.0
3.0
3.5
ns
3-6
trec
Recovery TIme
5.0
0
0
ns
3-6
trec
MR to CP
5.0
0
0
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45.0
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com