Electronic Components Datasheet Search
  English  ▼

X  

1708751 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1708751
Description  Panel feed-through terminal block - TW 50/ 6-CL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1708751 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1708751 Datasheet HTML 1Page - PHOENIX CONTACT 1708751 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1708751
08/05/2015   Page 1 / 2
Panel feed-through terminal block - TW 50/ 6-CL - 1708751
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Panel feed-through terminal block, Connection method: T-LOX spring connection, Load current : 150 A, Cross
section: 10 mm² - 50 mm², Width: 20 mm, Color: gray
The figure shows a 5-pos. version of
the product
 
Key Commercial Data
Packing unit
1 pc
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Number of levels
1
Number of connections
2
Nominal cross section
50 mm²
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Insulating material group
I
Nominal current IN
150 A
Nominal voltage UN
1000 V
Number of positions
6
Dimensions
Width
20 mm
Plate thickness
1 mm ... 5 mm
Connection data


Similar Part No. - 1708751

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170875 FESTO-170875 Datasheet
90Kb / 1P
Guided actuator
logo
PHOENIX CONTACT
1708750 PHOENIX-1708750 Datasheet
80Kb / 4P
Base strip - IPC 5/ 6-GFU-7,62
1708752 PHOENIX-1708752 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 1-CL
1708753 PHOENIX-1708753 Datasheet
163Kb / 9P
Panel feed-through terminal block - TW 95/ 2-CL
1708754 PHOENIX-1708754 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 3-CL
More results

Similar Description - 1708751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708744 PHOENIX-1708744 Datasheet
53Kb / 2P
Panel feed-through terminal block - TW 50/ 1-CL
1708745 PHOENIX-1708745 Datasheet
54Kb / 2P
Panel feed-through terminal block - TW 50/ 2-CL
1708746 PHOENIX-1708746 Datasheet
54Kb / 2P
Panel feed-through terminal block - TW 50/ 3-CL
1708748 PHOENIX-1708748 Datasheet
54Kb / 2P
Panel feed-through terminal block - TW 50/ 4-CL
1708749 PHOENIX-1708749 Datasheet
54Kb / 2P
Panel feed-through terminal block - TW 50/ 5-CL
1708752 PHOENIX-1708752 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 1-CL
1708753 PHOENIX-1708753 Datasheet
163Kb / 9P
Panel feed-through terminal block - TW 95/ 2-CL
1708754 PHOENIX-1708754 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 3-CL
1708756 PHOENIX-1708756 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 5-CL
1708757 PHOENIX-1708757 Datasheet
139Kb / 8P
Panel feed-through terminal block - TW 95/ 6-CL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com