Electronic Components Datasheet Search
  English  ▼

X  

1708751 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1708751
Description  Panel feed-through terminal block - TW 50/ 6-CL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1708751 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1708751 Datasheet HTML 1Page - PHOENIX CONTACT 1708751 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1708751
08/05/2015   Page 2 / 2
Panel feed-through terminal block - TW 50/ 6-CL - 1708751
Technical data
Connection data
Connection method
T-LOX spring connection
Conductor cross section solid min.
10 mm²
Conductor cross section solid max.
50 mm²
Conductor cross section flexible min.
16 mm²
Conductor cross section flexible max.
50 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
10 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
50 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
10 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
50 mm²
Classifications
eCl@ss
eCl@ss 5.1
27141134
eCl@ss 6.0
27141134
ETIM
ETIM 5.0
EC001283
Drawings
Drilling diagram
a
+0,9
Dimension a = 129 mm
Diagram
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
90 100 110
Ambient temperature [°C]
Phoenix Contact 2015 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com