Electronic Components Datasheet Search
  English  ▼

X  

BUL85D Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL85D
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL85D Datasheet(HTML) 1 Page - STMicroelectronics

  BUL85D Datasheet HTML 1Page - STMicroelectronics BUL85D Datasheet HTML 2Page - STMicroelectronics BUL85D Datasheet HTML 3Page - STMicroelectronics BUL85D Datasheet HTML 4Page - STMicroelectronics BUL85D Datasheet HTML 5Page - STMicroelectronics BUL85D Datasheet HTML 6Page - STMicroelectronics BUL85D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUL85D
MEDIUM VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
HIGH RUGGEDNESS
APPLICATIONS
s
110V AC ELECTRONIC TRANSFORMERS
FOR HALOGEN LAMPS UP TO 100 W
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The
BUL85D
is
manufactured
using
Multi
Epitaxial Planar technology for high switching
speeds and medium voltage capability.
The BUL85D is designed for use in 110V AC
electronic transformers for halogen lamps.
INTERNAL SCHEMATIC DIAGRAM
January 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
500
V
VCEO
Collector-Emitter Voltage (IB = 0)
250
V
VEBO
Emitter-Base Voltage
(IC = 0, IB < 2.5 A, tp < 10
µs, TJ < 150 oC)
V(BR)EBO
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp < 5 ms)
15
A
IB
Base Current
4
A
IBM
Base Peak Current (tp < 5 ms)
8
A
Ptot
Total Dissipation at Tc = 25
oC80
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
1
2
3
TO-220
®
1/7


Similar Part No. - BUL85D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL804 STMICROELECTRONICS-BUL804 Datasheet
204Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
07-Jul-2005
BUL804 STMICROELECTRONICS-BUL804 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUL805 STMICROELECTRONICS-BUL805 Datasheet
125Kb / 8P
High voltage fast-switching NPN Power Transistor
19-May-2006
BUL805 STMICROELECTRONICS-BUL805 Datasheet
85Kb / 8P
High voltage fast-switching NPN power transistor
15-Jul-2008
More results

Similar Description - BUL85D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Jun-1997
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
STL72 STMICROELECTRONICS-STL72 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
09-Dec-2005
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com