Electronic Components Datasheet Search
  English  ▼

X  

LM8207MT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8207MT
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207MT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM8207MT Datasheet HTML 1Page - National Semiconductor (TI) LM8207MT Datasheet HTML 2Page - National Semiconductor (TI) LM8207MT Datasheet HTML 3Page - National Semiconductor (TI) LM8207MT Datasheet HTML 4Page - National Semiconductor (TI) LM8207MT Datasheet HTML 5Page - National Semiconductor (TI) LM8207MT Datasheet HTML 6Page - National Semiconductor (TI) LM8207MT Datasheet HTML 7Page - National Semiconductor (TI) LM8207MT Datasheet HTML 8Page - National Semiconductor (TI) LM8207MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 3)
Human Body
2.5 kV
Machine Model
250V
Supply Voltage (V
DD -VSS)
18V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec.)
230˚C
Wave Soldering (10 sec.)
260˚C
Operating Ratings (Note 1)
Operating Temperature Range
−40˚C to +105˚C
Operating Voltage Range
6V to 16V
Package Thermal Resistance,
θ
JA (Note 4)
48-Pin TSSOP
84˚C/W
16V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 16V, VSS =0V,&CLOAD = 100 pF (Gamma & VCOM
Buffers). Boldface limits apply at the temperature extremes. (Note 5)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
Gamma Buffers
BW_Gamma
−3 dB Bandwidth
2
MHz
SR_Gamma
Slew Rate (Note 8)
1
V/µs
T
REC_Gamma
Output Recovery Time (Note 9)
400
ns
V
IN_Gamma
Input Voltage Range
Buffer 1-2
Positive
V
DD
V
Negative
V
SS +0.6
Buffer 3-8 & 11-16
Positive
V
DD-0.6
Negative
V
SS +0.6
Buffer 9
Positive
V
DD −0.6
Negative
V
SS
Buffer 10
Positive
V
DD-0.6
Negative
V
SS +0.6
Buffer 17-18
Positive
V
DD −0.6
Negative
V
SS
V
OUT_Gamma
Output Voltage Range
Buffer 1-2,
No Load
Positive
V
DD -0.25
V
DD -0.1
V
Negative
V
SS +1.5
V
SS +1.6
Buffer 3-8 & 11-16
No Load
Positive
V
DD −1.2
V
DD -1.1
Negative
V
SS +0.6
V
SS +0.7
Buffer 9,
No Load
Positive
V
DD −1.0
V
DD -0.8
Negative
V
SS +0.8
V
SS +0.9
Buffer 10,
No Load
Positive
V
DD –1.2
V
DD –1.1
Negative
V
SS +0.6
V
SS +0.7
Buffer 17-18,
No Load
Positive
V
DD –1.6
V
DD –1.5
Negative
V
SS +0.1
V
SS +0.25
I
BIAS_Gamma
Absolute, Input Bias Current
Within Gamma Buffer Output
Voltage Range
30
nA
V
OS_Gamma
Input Offset Voltage
Buffer 1-2, V
IN =8V
5
10
mV
Buffer 3-8, 11-16, V
IN =8V
1
5
Buffer 9, V
IN =8V
1
5
Buffer 10, V
IN =8V
1
5
Buffer 17-18, V
IN =8V
5
10
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com