Electronic Components Datasheet Search
  English  ▼

X  

LM8207MT Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8207MT
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207MT Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM8207MT Datasheet HTML 12Page - National Semiconductor (TI) LM8207MT Datasheet HTML 13Page - National Semiconductor (TI) LM8207MT Datasheet HTML 14Page - National Semiconductor (TI) LM8207MT Datasheet HTML 15Page - National Semiconductor (TI) LM8207MT Datasheet HTML 16Page - National Semiconductor (TI) LM8207MT Datasheet HTML 17Page - National Semiconductor (TI) LM8207MT Datasheet HTML 18Page - National Semiconductor (TI) LM8207MT Datasheet HTML 19Page - National Semiconductor (TI) LM8207MT Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Section (Continued)
TABLE 1. Resistor Values for Defining the Gamma
Correction Curve
Gamma Curve Definition
VGMA
Node
VGMA Voltage
Calculated Resistance (
Ω)
1
11.59
210
2
11.38
2200
3
9.18
670
4
8.51
670
5
7.84
430
6
7.41
280
7
7.13
980
8
6.15
80
9
6.07
170
10
5.90
80
11
5.82
980
12
4.84
280
13
4.56
430
14
4.13
670
15
3.46
730
16
2.73
2190
17
0.54
210
18
0.33
330
Changing the gamma correction curve, in combination with
the load of the column drivers can impact the behavior of the
gamma buffers. Gamma buffers 1 and 2 are designed for
operating voltages near V
DD, and will source the current into
the column drivers. Gamma buffers 17 and 18 are designed
for operating voltages near V
SS and will sink this current.
Buffers 3 to 16 are designed to operate in the mid-voltage
range and can sink or source current. Under special circum-
stances, by increasing the voltage gap between gamma
buffer 1 and gamma buffer 2, in combination with a low
impedance load of the column driver between these outputs,
the output of buffer 2 has to sink more current than possible,
and can saturate. This will result in a setting error of the
inputs of the column driver.
For buffer 17 and 18 an identical situation can occur, by
increasing the operating voltage range of buffer 17 with
respect to buffer 18.
A simple and cost effective solution is to lower the resistance
between buffer 2 and 3 or buffer 16 and 17, using an
additional by-pass resistor R
S. This method is presented in
Figure 10. This will not affect the desired voltage levels, and
buffer 3 which has a larger linear output current spec will sink
the current instead of buffer 2. The resistor value R
S can be
calculated by the voltage drop divided by the current. The
resistor value should be low enough to sink this current,
otherwise buffer 2 and/or buffer 17 will still saturate.
GAMMA VOLTAGE ACCURACY
Adding buffers to the tabs of the gamma correction resistor
chain will make the values more independent of the load
variations. Unfortunately, there are some other effects that
will influence the gamma values. The following effects deter-
mine the accuracy of each gamma voltage.
Major effects are:
•
Variation of the internal voltage reference. This can be
found in the Electrical Characteristics Table. This is the
maximum variation between parts.
•
Variation of the feedback resistors used for setting the
output voltage of the voltage reference (OUT_V
REF). Us-
ing high accuracy resistors will result in a small variation
of the output voltage between different boards
•
The accuracy of the resistors obtained from the gamma
correction voltage curve. The gamma correction curve
will be affected by the accuracy of the resistors. This will
vary over different boards. Temperature variations will not
affect this curve.
•
Output offset voltage (V
OS) of the buffers. Variations of
V
OS (output offset voltage) of the buffers, will affect the
gamma correction curve. The contribution of V
OS
is
higher for the buffers driving the lower gamma voltages.
Minor effects are:
•
Input current (I
BIAS) of the gamma buffers. Variations of
the input current (I
BIAS) of the gamma buffers caused by
temperature changes, will affect the gamma correction
voltages.
20137946
FIGURE 10. Using additional by-pass resistor to
increase current sinking capability
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com