Electronic Components Datasheet Search
  English  ▼

X  

MIC49500 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC49500
Description  5A Dual Supply, Low Voltage, High Bandwidth LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49500 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC49500 Datasheet HTML 3Page - Micrel Semiconductor MIC49500 Datasheet HTML 4Page - Micrel Semiconductor MIC49500 Datasheet HTML 5Page - Micrel Semiconductor MIC49500 Datasheet HTML 6Page - Micrel Semiconductor MIC49500 Datasheet HTML 7Page - Micrel Semiconductor MIC49500 Datasheet HTML 8Page - Micrel Semiconductor MIC49500 Datasheet HTML 9Page - Micrel Semiconductor MIC49500 Datasheet HTML 10Page - Micrel Semiconductor MIC49500 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC49500
November 2005
9
M9999-110805
(408) 955-1690
The heat sink may be significantly reduced in
applications where the maximum input voltage is
known and large compared with the dropout voltage.
Use a series input resistor to drop excessive voltage
and distribute the heat between this resistor and the
regulator. The low dropout properties of the MIC49500
allow significant reductions in regulator power
dissipation and the associated heat sink without
compromising performance. When this technique is
employed, a capacitor of at least 1µF is needed
directly between the input and regulator ground. Refer
to Application Note 9 for further details and examples
on thermal design and heat sink specification.
Minimum Load Current
The MIC49500, unlike most other high current
regulators, does not require a minimum load to
maintain output voltage regulation.
Power Sequencing
There is no power sequencing requirement for VIN and
VBIAS, giving more flexibility to the user.
Adjustable Regulator Design
The
MIC49500
adjustable
version
allows
programming the output voltage anywhere between
0.7Vand 6V. Two resistors are used. The resistor
value between VOUT and the adjust pin should not
exceed 10kΩ. Larger values can cause instability. The
resistor values are calculated by:
R1 = R2 ×
VOUT
0.7
± 1
Where VOUT is the desired output voltage.
Enable
The fixed output voltage versions of the MIC49500
feature an active high enable input (EN) that allows
on-off control of the regulator. Current drain reduces
to “zero” when the device is shutdown, with only
microamperes of leakage current. The EN input has
TTL/CMOS compatible thresholds for simple logic
interfacing. EN may be directly tied to VIN and pulled
up to the maximum supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com