Electronic Components Datasheet Search
  English  ▼

X  

MIC49500 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC49500
Description  5A Dual Supply, Low Voltage, High Bandwidth LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49500 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC49500 Datasheet HTML 1Page - Micrel Semiconductor MIC49500 Datasheet HTML 2Page - Micrel Semiconductor MIC49500 Datasheet HTML 3Page - Micrel Semiconductor MIC49500 Datasheet HTML 4Page - Micrel Semiconductor MIC49500 Datasheet HTML 5Page - Micrel Semiconductor MIC49500 Datasheet HTML 6Page - Micrel Semiconductor MIC49500 Datasheet HTML 7Page - Micrel Semiconductor MIC49500 Datasheet HTML 8Page - Micrel Semiconductor MIC49500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC49500
November 2005
3
M9999-110805
(408) 955-1690
Ordering Information
Part Number*
Voltage
Junction Temperature Range
Package
Lead Finish*
MIC49500-0.9WR
0.9V
–40°C to +125°C
S-Pak-7
RoHS Compliant
MIC49500-1.2WR
1.2V
–40°C to +125°C
S-Pak-7
RoHS Compliant
MIC49500WR
ADJ
–40°C to +125°C
S-Pak-7
RoHS Compliant
MIC49500-0.9WU
0.9V
–40°C to +125°C
TO-263
RoHS Compliant
MIC49500-1.2WU
1.2V
–40°C to +125°C
TO-263
RoHS Compliant
MIC49500WU
ADJ
–40°C to +125°C
TO-263
RoHS Compliant
Other Voltage available. Contact Micrel for details.
* RoHS compliant with ‘high-melting solder’ exemption.
Pin Configuration
7 VSNS/ADJ
6NC
5 VOUT
4 GND
3 VIN
2 VBIAS
1EN
MIC49500WU (TO263-7)
MIC49500WR (S-Pak-7)
7 VSNS/ADJ
6NC
5 VOUT
4 GND
3 VIN
2 VBIAS
1EN
Pin Description
Pin Number
S-Pak-7
Pin Name
(Fixed)
Pin Name
(Adj)
Pin Function
1
EN
EN
Enable: TTL/CMOS compatible input. Logic high = enable,
logic low or open = shutdown.
2
VBIAS
VBIAS
Bias Supply: Bias supply input for powering all internal circuitry of
the device, except the main current path.
3
VIN
VIN
Input Voltage: Main Power Input Supply. Supplies main current
to output device.
4
GND
GND
Ground: Package TAB is connected to Ground.
5
VOUT
VOUT
Output Voltage: Regulator Output.
6
NC
No Connect
7
VSNS
-
Remote Voltage Sense: Connect direct the load to improve
regulation. Connect direct to pin 6 if not used.
7
-
ADJ
Adjust Input. Connect external resistor divider to program output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com