Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2145IPWP
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments TPS2145IPWP Datasheet HTML 11Page - Texas Instruments TPS2145IPWP Datasheet HTML 12Page - Texas Instruments TPS2145IPWP Datasheet HTML 13Page - Texas Instruments TPS2145IPWP Datasheet HTML 14Page - Texas Instruments TPS2145IPWP Datasheet HTML 15Page - Texas Instruments TPS2145IPWP Datasheet HTML 16Page - Texas Instruments TPS2145IPWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9
LINE TRANSIENT RESPONSE
t − Time −
µs
0
100 200 300 400 500 600
700 800 900 1000
∆VO(LDO_OUT)
(0.05 V/div)
TA = 25°C
CL(LDO_OUT) = 4.7 µF
ESR = 1
Ω
IO(LDO_OUT) = 200 mA
5.25 V
VI(VIN)
4.25 V
Figure 10
LOAD TRANSIENT RESPONSE
t − Time −
µs
0
100 200 300 400 500 600
700 800 900 1000
∆VO(LDO_OUT)
(100 mV/div)
TA = 25°C
CL(LDO_OUT) = 4.7 µF
ESR = 1
Ω
IO(LDO_OUT)
(200 mA/div)
Figure 11
0
20
40
60
80
100
120
140
−40
−20
0
20
40
60
80
100
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ − Temperature − °C
Figure 12
0
20
40
60
80
100
120
140
2.5
3
3.5
4
4.5
5
5.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com