Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2145IPWP
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 17Page - Texas Instruments TPS2145IPWP Datasheet HTML 18Page - Texas Instruments TPS2145IPWP Datasheet HTML 19Page - Texas Instruments TPS2145IPWP Datasheet HTML 20Page - Texas Instruments TPS2145IPWP Datasheet HTML 21Page - Texas Instruments TPS2145IPWP Datasheet HTML 22Page - Texas Instruments TPS2145IPWP Datasheet HTML 23Page - Texas Instruments TPS2145IPWP Datasheet HTML 24Page - Texas Instruments TPS2145IPWP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
21
www.ti.com
APPLICATION INFORMATION
10
µF
0.1
µF
TPS2145
4.7
µF
0.1
µF
1.8 V
OUT1
EN1
OC1
OUT2
EN2
OC2
DSP
VIN/SW1
SW2
5-V
Circuitry
External
Supply
Additional
3.3-V
Circuitry
ADJ
LDO
3.3 V
5 V
LDO_EN
4.7
µF
0.1
µF
Figure 20. TPS2145 DSP Application
10
µF
0.1
µF
TPS2145
4.7
µF
0.1
µF
1.8 V
OUT1
EN1
OC1
OUT2
EN2
OC2
DSP
VIN/SW1
SW2
SVS
External
3.3-V
Supply
Additional
3.3-V
Circuitry
ADJ
LDO
LDO_EN
Figure 21. TPS2145 DSP With SVS Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com