Electronic Components Datasheet Search
  English  ▼

X  

UCD8220PWPR Datasheet(PDF) 12 Page - Texas Instruments

Part # UCD8220PWPR
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8220PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD8220PWPR Datasheet HTML 8Page - Texas Instruments UCD8220PWPR Datasheet HTML 9Page - Texas Instruments UCD8220PWPR Datasheet HTML 10Page - Texas Instruments UCD8220PWPR Datasheet HTML 11Page - Texas Instruments UCD8220PWPR Datasheet HTML 12Page - Texas Instruments UCD8220PWPR Datasheet HTML 13Page - Texas Instruments UCD8220PWPR Datasheet HTML 14Page - Texas Instruments UCD8220PWPR Datasheet HTML 15Page - Texas Instruments UCD8220PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature −°C
CLK Input Rising
CLK Input Falling
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0
2
4
6
8
10
12
14
16
18
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
CLOAD = 2.2 nF
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
CLK INPUT THRESHOLD
vs
vs
FREQUENCY (VDD = 15 V)
TEMPERATURE
Figure 16.
Figure 17.
OUTPUT RISE TIME AND FALL TIME
OUTPUT RISE TIME
vs
vs
TEMPERATURE (VDD = 12 V)
SUPPLY VOLTAGE
Figure 18.
Figure 19.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com