Electronic Components Datasheet Search
  English  ▼

X  

MPI2510V1-1R5-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MPI2510V1-1R5-R
Description  High current, low profile, miniature power inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI2510V1-1R5-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MPI2510V1-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data Preliminary
030817
MPI25-V1
High current, low profile, miniature power inductors
www.eaton.com/electronics
Product specifications
Product specifications
Product specifications
Product specifications
1.
Open Circuit Inductance (OCL) Test Parameters: 1.0 MHz, 0.1 V
rms, 0.0 Adc,
+25 ºC
2.
I
rms: DC current for an approximate temperature rise of 40 ºC without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part not
exceed +125 ºC under worst case operating conditions verified in the end
application.
3.
I
sat : Peak current for approximately 30% rolloff @ +25 ºC
4.
K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * I. Bp-
p:(Gauss), K: (K-factor from table), L: (Inductance in µH), I (Peak to peak ripple current in
Amps).
5.
Part Number Definition: MPI25xxV1-xxx-R
MPI25 = Product code
xx= Height indicator
V1=Versionl indicator
xxx= inductance value in µH, R= decimal point,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant
2
Dimensions
Dimensions
Dimensions
Dimensions---- mm
mm
mm
mm
P a r t N u m be r 5
OC L 1
( µ H ) ±2 0 %
I r ms
2
( A )
I s a t
3
( A )
D C R ( m Ω
Ω
Ω
Ω) t y p i c a l
@ + 2 0 °C
D C R ( m Ω
Ω
Ω
Ω ) m a x i m um
@ + 2 0 °C
S R F
( M H z )
t y p i c a l
K - f a c t o r 4
M P I2510V1-R33-R
0.33
4.0
6.6
21
26
199
2837
M P I2510V1-R47-R
0.47
4.4
6.6
23
29
154
2699
M P I2510V1-R68-R
0.68
3.1
4.3
37
44
118
2599
M P I2510V1-1R0-R
1.0
3.1
4.4
41
52
94
2451
M P I2510V1-1R5-R
1.5
2.3
2.6
76
91
74
1705
M P I2510V1-2R2-R
2.2
2.1
3.3
88
110
58
1710
M P I2510V1-4R7-R
4.7
1.22
1.8
220
262
41
849
M P I2512V1-R47-R
0.47
4.9
6.8
16
22
156
2306
M P I2512V1-R68-R
0.68
3.4
5.0
29
35
128
2084
M P I2512V1-1R0-R
1.0
3.3
4.8
36
44
85
2040
M P I2512V1-1R5-R
1.5
2.3
3.2
64
77
71
1431
M P I2512V1-2R2-R
2.2
2.2
3.5
74
89
55
1193
M P I2512V1-4R2-R
4.2
1.4
1.9
196
235
40
975
1. 0 mm hei g ht
1. 2 mm hei g ht



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com