Electronic Components Datasheet Search
  English  ▼

X  

MPI2510V1-1R5-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MPI2510V1-1R5-R
Description  High current, low profile, miniature power inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI2510V1-1R5-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MPI2510V1-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI2510V1-1R5-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPI25-V1
High current, low profile, miniature power inductors
Technical Data Preliminary
030817
www.eaton.com/electronics
3
Packaging information
Packaging information
Packaging information
Packaging information---- mm
mm
mm
mm
Drawing not to scale
Supplied in tape and reel packaging , 3,000 parts per 7” diameter reel
Core loss vs. B
Core loss vs. B
Core loss vs. B
Core loss vs. B
p
p
p
p----p
p
p
p
0.1
1
10
100
10
100
1000
10000
Bp-p (Gauss)
MPI2510V1-R33-R
100 kHz
300 kHz
500 kHz
1 MHz
3 MHz
2 MHz
0.1
1
10
100
10
100
1000
10000
Bp-p (Gauss)
MPI2510V1-R47-R
100 kHz
300 kHz
500 kHz
1 MHz
3 MHz
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com