Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 830
Description  5A 500V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

830 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  830 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 1 of 12
830/F830/I830/
E830/B830/D830
5A 500V N-channel Enhancement Mode Power MOSFET
4 Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Rating
Units
830/I830/E830/
B830/D830
F830
Drian-to-Source Voltage
VDSS
500
V
Gate-to-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25℃
ID
5
A
TC=100℃
3.4
A
Pulsed Drain Current(1)
IDM
20
A
Single Pulse Avalanche Energy(4)
EAS
200
mJ
Repetitive Avalanche Energy(4)
EAR
30
mJ
Repetitive Avalanche Current(4)
IAR
2.5
A
Peak Diode Recovery dv/dt(5)
dv/dt
5
V/ns
Power Dissipation
Ta=25℃
Ptot
2.0
2.0
W
TC=25℃
Ptot
75
30
W
Gate-Source ESD
(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
3000
V
Isolation Voltage
VISO
/
2500
V
Junction Temperature Range
Tj
-55~150
℃
Storage Temperature Range
Tstg
-55~150
℃
Maximum Temperature for soldering
TL
300
℃
4.2 Thermal Characteristics
Parameter
Symbol
Rating
Unit
830/I830/E830/
B830/D830
F830
Thermal Resistance,Junction to Case-sink
RthJC
1.67
4.17
℃
/W
Thermal Resistance,Junction to Ambient
RthJA
62.5
62.5
℃
/W
1 Description
830, the silicon N-channel enhanced vdmosfets, is obtained
by the self-aligned planar technology which reduce the
conduction loss, improve switching performance and
enhance the avalanche energy. Which accords with the
RoHS standard.
2 Features
● Fast switching
● ESD improved capability
● Low gate charge(Typ: 14.5nC)
● Low reverse transfer capacitances(Typ: 7.5pF)
● 100% single pulse avalanche energy test
● 100% ΔVDS test
3 Applications
● Used in various power switching circuit for system
miniaturization and higher efficiency.
● Power switch circuit of adaptor and charger.
VDSS = 500V
RDS(on) (TYP)= 1.25Ω
ID = 5A
TO-220C
TO-220F
TO-262
TO-263
TO-252B TO-251B


Similar Part No. - 830

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
830 VISHAY-830 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
830 VISHAY-830 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
More results

Similar Description - 830

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
500V, 5A N-Channel MOSFET
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
5N50_1110 UTC-5N50_1110 Datasheet
201Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com