Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 830
Description  5A 500V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

830 Datasheet(HTML) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button 830 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 830 Datasheet HTML 12Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 8 of 12
830/F830/I830/
E830/B830/D830
7 Product Names Rules
8 Product Specifications and Packaging Models
Product Model
Package Type
Mark Name
RoHS
Package
Quantity
830
TO-220
830
Pb-free
Tube
1000/box
F830
TO-220F
F830
Pb-free
Tube
1000/box
B830
TO-251
B830
Pb-free
Tube
3000/box
D830
TO-252
D830
Pb-free
Tape & Reel
2500/box
I830
TO-262
I830
Pb-free
Tube
1000/box
E830
TO-263
E830
Pb-free
Tape & Reel
800/box
Packaging Code
220F: F 220: Nothing
251: B 252: D
262: I
263: E
F X X X
Product Model Code
With 3 Digital,For Example:
620 on behalf of 5A,200V
630 on behalf of 9A,200V
640 on behalf of 18A,200V
730 on behalf of 6A,400V
740 on behalf of 10A,400V
830 on behalf of 5A,500V
840 on behalf of 8A,500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com