Electronic Components Datasheet Search
  English  ▼

X  

LM4935WL Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935WL
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935WL Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM4935WL Datasheet HTML 35Page - National Semiconductor (TI) LM4935WL Datasheet HTML 36Page - National Semiconductor (TI) LM4935WL Datasheet HTML 37Page - National Semiconductor (TI) LM4935WL Datasheet HTML 38Page - National Semiconductor (TI) LM4935WL Datasheet HTML 39Page - National Semiconductor (TI) LM4935WL Datasheet HTML 40Page - National Semiconductor (TI) LM4935WL Datasheet HTML 41Page - National Semiconductor (TI) LM4935WL Datasheet HTML 42Page - National Semiconductor (TI) LM4935WL Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.18 SIDETONE ATTENUATION REGISTER
This register is used to control the analog sidetone attenuation. (Note 20)
TABLE 19. SIDETONE (0x0Dh)
Bits
Field
Description
3:0
SIDETONE_
ATTEN
Programs the attenuation applied to the microphone preamp output to produce a sidetone signal.
SIDETONE_ATTEN
Attenuation
0000
2
-Inf
0001
2
−30 dB
0010
2
−27 dB
0011
2
−24 dB
0100
2
−21 dB
0101
2 to 10102
−18 dB to −3 dB
1011
2 to 11112
0dB
Note 20: An active SIDETONE path to an audio output may result in the microphone DC blocking caps causing audio pops under the following situations:
1) Switching between internal and external microphone operation while in chip modes ’10’ or ’11’.
2) Toggling in and out of powerdown/standby modes.
3) Toggling between chip modes ’10’ and ’11’ whenever external microphone operation is selected.
4) The insertion/removal of a headset while in chip modes ’10’ or ’11’ whenever external microphone operation is selected.
To avoid potential pop noises, it is recommended to set SIDETONE_ATTEN to ’0000’ until DC points have stabilized whenever the SIDETONE path is used.
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com