Electronic Components Datasheet Search
  English  ▼

X  

LM4935WL Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935WL
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935WL Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4935WL Datasheet HTML 12Page - National Semiconductor (TI) LM4935WL Datasheet HTML 13Page - National Semiconductor (TI) LM4935WL Datasheet HTML 14Page - National Semiconductor (TI) LM4935WL Datasheet HTML 15Page - National Semiconductor (TI) LM4935WL Datasheet HTML 16Page - National Semiconductor (TI) LM4935WL Datasheet HTML 17Page - National Semiconductor (TI) LM4935WL Datasheet HTML 18Page - National Semiconductor (TI) LM4935WL Datasheet HTML 19Page - National Semiconductor (TI) LM4935WL Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
11.0 System Control
Method 1. I
2C Compatible Interface
11.1 I
2C SIGNALS
In I
2C mode the LM4935 pin SCL is used for the I2C clock SCL and the pin SDA is used for the I2C data signal SDA. Both these
signals need a pull-up resistor according to I
2C specification. The I2C slave address for LM4935 is 0011010
2.
11.2 I
2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of the data line can
only be changed when SCL is LOW.
201341Q1
I
2C Signals: Data Validity
11.3 I
2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA transitioning from LOW to HIGH
while SCL is HIGH. The I
2C master always generates START and STOP bits. The I2C bus is considered to be busy after START
condition and free after STOP condition. During data transmission, I
2C master can generate repeated START conditions. First
START and repeated START conditions are equivalent, function-wise.
201341Q2
11.4 TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first. Each byte of data
has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the master. The transmitter
releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver must pull down the SDA line during the 9
th clock
pulse, signifying an acknowledge. A receiver which has been addressed must generate an acknowledge after each byte has been
received.
After the START condition, the I
2C master sends a chip address. This address is seven bits long followed by an eighth bit which
is a data direction bit (R/W). The LM4935 address is 0011010
2. For the eighth bit, a “0” indicates a WRITE and a “1” indicates a
READ. The second byte selects the register to which the data will be written. The third byte contains data to write to the selected
register.
201341Q3
I
2C Chip Address
Register changes take an effect at the SCL rising edge during the last ACK from slave.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com