Electronic Components Datasheet Search
  English  ▼

X  

LT1724CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1724CS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1724CS Datasheet HTML 6Page - Linear Technology LT1724CS Datasheet HTML 7Page - Linear Technology LT1724CS Datasheet HTML 8Page - Linear Technology LT1724CS Datasheet HTML 9Page - Linear Technology LT1724CS Datasheet HTML 10Page - Linear Technology LT1724CS Datasheet HTML 11Page - Linear Technology LT1724CS Datasheet HTML 12Page - Linear Technology LT1724CS Datasheet HTML 13Page - Linear Technology LT1724CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1722/LT1723/LT1724
10
172234fa
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G26
–50
VS = ±5V
AV = 1
RF = 0Ω
RIN = 0Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 500Ω, 2ND
RL = 500Ω, 3RD
RL = 150Ω, 3RD
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Supply Voltage
Harmonic Distortion vs Frequency
AV = 1, VO = 0.2VP-P
SUPPLY VOLTAGE (
±V)
2
50
55
65
70
SR+
SR+
SR–
SR–
75
3
4
4.5
6.5
1723 G25
60
2.5
3.5
5
5.5
6
80
VIN_P-P = VS, VOUT_MES
AT 2/3 OF VIN_P-P
VIN = ±1.5V, VOUT_MES AT ±1V
TA = 25°C
AV = –1
RF = RG = RL = 500Ω
Harmonic Distortion vs Frequency
AV = 1, VO = 0.2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G27
–50
VS = 5V
AV = 1
RF = 0Ω
RIN = 0Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 500Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 3RD
Harmonic Distortion vs Frequency
AV = 2, VO = 0.2VP-P
Harmonic Distortion vs Frequency
AV = 1, VO = 2VP-P
Harmonic Distortion vs Frequency
AV = 2, VO = 0.2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G28
–50
VS = ±5V
AV = 2
RF = 500Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 2ND
RL = 500Ω, 3RD
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G29
–50
VS = 5V
AV = 2
RF = 500Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 2ND
RL = 500Ω, 3RD
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G30
–50
VS = ±5V
AV = 1
RF = 0Ω
RIN = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 150Ω, 2ND
RL = 500Ω, 2ND
Harmonic Distortion vs Frequency
AV = 2, VO = 2VP-P
Harmonic Distortion vs Frequency
AV = 1, VO = 2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G31
–50
VS = 5V
AV = 1
RF = 0Ω
RIN = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 150Ω, 2ND
RL = 500Ω, 2ND
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G32
–50
VS = ±5V
AV = 2
RF = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 500Ω, 2ND
RL = 150Ω, 2ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com