Electronic Components Datasheet Search
  English  ▼

X  

LT1724CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1724CS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1724CS Datasheet HTML 8Page - Linear Technology LT1724CS Datasheet HTML 9Page - Linear Technology LT1724CS Datasheet HTML 10Page - Linear Technology LT1724CS Datasheet HTML 11Page - Linear Technology LT1724CS Datasheet HTML 12Page - Linear Technology LT1724CS Datasheet HTML 13Page - Linear Technology LT1724CS Datasheet HTML 14Page - Linear Technology LT1724CS Datasheet HTML 15Page - Linear Technology LT1724CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1722/LT1723/LT1724
12
172234fa
APPLICATIO S I FOR ATIO
The LT1722/LT1723/LT1724 may be inserted directly into
many operational amplifier applications improving both
DC and AC performance, as well as noise and distortion.
Layout and Passive Components
The LT1722/LT1723/LT1724 amplifiers are more tolerant
of less than ideal layouts than other high speed amplifiers.
For maximum performance (for example, fast settling
time) use a ground plane, short lead lengths and RF quality
bypass capacitors (0.01
µF to 0.1µF). For high drive cur-
rent applications, use low ESR supply bypass capacitors
(1
µF to 10µF tantalum). The output/input parasitic cou-
pling should be minimized when high frequency perfor-
mance is required.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input combine with the
input capacitance to form a pole that can cause peaking or
even oscillations. In parallel with the feedback resistor, a
capacitor of value:
CF > RG • CIN/RF
should be used to cancel the input pole and optimize
dynamic performance. For unity-gain applications where
a feedback resistor is used, such as an I-to-V converter, CF
should be five times greater than CIN; an optimum value for
CF is 10pF.
Input Considerations
Each of the LT1722/LT1723/LT1724 inputs is protected
with back-to-back diodes across the bases of the NPN
input devices. If greater than 0.7V differential input volt-
ages are anticipated, the input current must be limited to
less than 10mA with an external series resistor. Each input
also has two ESD clamp diodes—one to each supply. If an
input is driven beyond the supply, limit the current with an
external resistor to less than 10mA. The input stage
protection circuit is shown in Figure 1.
The input currents of the LT1722/LT1723/LT1724 are
typically in the tens of nA range due to the bias current
cancellation technique used at the input. As the input
offset current can be greater than either input current,
D1
D3
+IN
+IN
D4
D5
D6
1723 F01
D2
I1
I2
R
Q1
REXT
Q2
VS
+
VS
–
–IN
–IN
REXT
Figure 1. Input Stage Protection
adding resistance to balance source resistance is not
recommended. The value of the source resistor should be
below 12k as it actually degrades DC accuracy and also
increases noise.
Total Input Noise
The total input noise of the LT1722/LT1723/LT1724 is
optimized for a source resistance between 0.8k and 12k.
Within this range, the total input noise is dominated by the
noise of the source resistance itself. When the source
resistance is below 0.8k, voltage noise of the amplifier
dominates. When the source resistance is above 12k, the
input noise current is the dominant contributor.
Capacitive Loading
The LT1722/LT1723/LT1724 drive capacitive loads up to
100pF with unity gain. As the capacitive load increases,
both the bandwidth and the phase margin decrease
causing peaking in the frequency response and overshoot
in the transient response. When there is a need to drive a
larger capacitive load, a 25
Ω series resistance assures
stability with any value of load capacitor. A feedback
capacitor also helps to reduce any peaking.
Power Dissipation
The LT1722/LT1723/LT1724 combine high speed and
large output drive in a small package. Maximum junction
temperature (TJ) is calculated from the ambient tempera-
ture (TA), power dissipation per amplifier (PD) and number
of amplifiers (n) as follows:
TJ = TA + (n • PD • θJA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com