Electronic Components Datasheet Search
  English  ▼

X  

EL2001 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2001
Description  Low Power, 70MHz Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2001 Datasheet(HTML) 3 Page - Intersil Corporation

  EL2001 Datasheet HTML 1Page - Intersil Corporation EL2001 Datasheet HTML 2Page - Intersil Corporation EL2001 Datasheet HTML 3Page - Intersil Corporation EL2001 Datasheet HTML 4Page - Intersil Corporation EL2001 Datasheet HTML 5Page - Intersil Corporation EL2001 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Curves
SR
Slew Rate (Note 3)
±10V
100
Ω
25°C
1200
2000
V/µs
NOTES:
1. Force the input to +12V and the output to +10V and measure the output current. Repeat with -12 VIN and -10V on the output.
2. VOS is measured at VS+ = +4.5V, VS- = -4.5V and at VS+ = +18V, VS- = -18V. Both supplies are changed simultaneously.
3. Slew rate is measured between VOUT = +5V and -5V.
Electrical Specifications
VS = ±12V, RS = 50Ω, unless otherwise specified (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
LIMITS
UNITS
VIN
LOAD
TEMP
MIN
TYP
MAX
Offset Voltage
vs Temperature
Voltage Gain
vs Temperature
Output Voltage Swing
vs Temperature
Voltage Gain
vs Source Resistance
Voltage Gain
vs Input Voltage
Supply Current
vs Supply Voltage
Input Bias Current
vs Input Voltage
±Slew Rate
vs Supply Voltage
±Slew Rate
vs Capacitive Load
EL2001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com