Electronic Components Datasheet Search
  English  ▼

X  

EL2001 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2001
Description  Low Power, 70MHz Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2001 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2001 Datasheet HTML 1Page - Intersil Corporation EL2001 Datasheet HTML 2Page - Intersil Corporation EL2001 Datasheet HTML 3Page - Intersil Corporation EL2001 Datasheet HTML 4Page - Intersil Corporation EL2001 Datasheet HTML 5Page - Intersil Corporation EL2001 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7020
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2001
Low Power, 70MHz Buffer Amplifier
The EL2001 is a low cost monolithic,
high slew rate, buffer amplifier. Built
using the Elantec monolithic
Complementary Bipolar process, this patented buffer has a
-3dB bandwidth of 70MHz, and delivers 100mA, yet draws
only 1.3mA of supply current. It typically operates from ±15V
power supplies but will work with as little as ±5V.
This high speed buffer may be used in a wide variety of
applications in military, video and medical systems. A typical
example is a general purpose op amp output current booster
where the buffer must have sufficiently high bandwidth and
low phase shift at the maximum frequency of the op amp.
Elantec's products and facilities comply with MIL-I-45208A,
and other applicable quality specifications. For information
on Elantec's processing, see the Elantec document, QRA-1:
Elantec's Processing, Monolithic Integrated Circuits.
Features
• 1.3mA supply current
• 70MHz bandwidth
• 2000V/µs slew rate
• Low bias current, 1µA typical
• 100mA output current
• Short circuit protected
• Low cost
• Stable with capacitive loads
• Wide supply range ±5V to ±15V
• No thermal runaway
Applications
• Op amp output current booster
• Cable/line driver
• A/D input buffer
• Low standby current systems
Ordering Information
PART NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2001ACN
0°C to +75°C
PDIP
MDP0031
EL2001CM
0°C to +75°C
20-Pin SOL
MDP0027
EL2001CN
0°C to +75°C
PDIP
MDP0031
Pinouts
EL2001
(8-PIN PDIP, SO)
TOP VIEW
EL2001
(20-PIN SOL)
TOP VIEW
NOTE: Non-designated pins are no connects and are not electrically connected internally.
Manufactured under U.S. Patent No. 4,833,424, 4,827,223 U.K. Patent No. 2217134
Data Sheet
December 1995, Rev. G
OBSO
LET
E PR
ODU
CT
NO R
ECOM
MEN
DED
REP
LAC
EME
NT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.i
nter
sil.c
om/t
sc


Similar Part No. - EL2001

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001CM ELANTEC-EL2001CM Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2001CN ELANTEC-EL2001CN Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
More results

Similar Description - EL2001

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
Low Power, 70 MHz Buffer Amplifier
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
Low Power, 180 MHz Buffer Amplifier
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
American Accurate Compo...
JXWBLA-T-50-90-25 AAC-JXWBLA-T-50-90-25 Datasheet
45Kb / 1P
70MHz IF Coaxial Amplifier
JXWBLA-T-60-80-25 AAC-JXWBLA-T-60-80-25 Datasheet
46Kb / 1P
70MHz IF Coaxial Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Renesas Technology Corp
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com