Electronic Components Datasheet Search
  English  ▼

X  

EL1882CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL1882CS
Description  Sync Separator w/50% Slice, AGC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1882CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL1882CS Datasheet HTML 3Page - Intersil Corporation EL1882CS Datasheet HTML 4Page - Intersil Corporation EL1882CS Datasheet HTML 5Page - Intersil Corporation EL1882CS Datasheet HTML 6Page - Intersil Corporation EL1882CS Datasheet HTML 7Page - Intersil Corporation EL1882CS Datasheet HTML 8Page - Intersil Corporation EL1882CS Datasheet HTML 9Page - Intersil Corporation EL1882CS Datasheet HTML 10Page - Intersil Corporation EL1882CS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Applications Information
Video In
A simplified block diagram is shown in Figure 6.
An AC coupled video signal is input to Video In pin 2 via C1,
nominally 0.1µF. Clamp charge current will prevent the
signal on pin 2 from going any more negative than Sync Tip
Ref, about 1.5V. This charge current is nominally about
1mA. A clamp discharge current of about 10µA is always
attempting to discharge C1 to Sync Tip Ref, thus charge is
lost between sync pulses that must be replaced during sync
pulses. The droop voltage that will occur can be calculated
from IT = CV, where V is the droop voltage, I is the discharge
current, T is the time between sync pulses (sync period -
sync tip width), and C is C1.
An NTSC video signal has a horizontal frequency of
15.73kHz, and a sync tip width of 4.7µs. This gives a period
of 63.6µs and a time T = 58.9µs. The droop voltage will then
be V = 5.9mV. This is less than 2% of a nominal sync tip
amplitude of 286mV. The charge represented by this droop
is replaced in a time given by T=CV/I, where I = clamp
charge current = 1mA. Here T = 590ns, about 12% of the
sync pulse width of 4.7µs. It is important to choose C1 large
enough so that the droop voltage does not approach the
50% switching threshold of the internal comparator.
AGC and Composite Sync
The clamped video signal then passes to the AGC, which
will maintain the blanking level of its output (sensed during
burst) at the blanking reference level. The AGC should
therefore present a constant amplitude signal to the
comparator, if the input is within the AGC's dynamic range. A
50% slicing reference is compared with the AGC's output at
the comp circuit. Comp's output is level shifted and buffered
to TTL levels, and sent out as Comp Sync on pin 1.
Burst
A low-going Burst pulse follows each rising edge of sync,
and lasts approximately 3.5µs for an RSET of 681kΩ. This
signal is used internally to gate the AGC feedback for
determining blanking level.
Vertical Sync
A low-going Vertical Sync pulse is output during the start of
the vertical cycle of the incoming video signal. The vertical
cycle starts with a pre-equalizing phase of pulses with a duty
cycle of about 93%, followed by a vertical serration phase
that has a duty cycle of about 15%. Vertical Sync is clocked
out of the EL1882C on the first rising edge during the vertical
serration phase. In the absence of vertical serration pulses,
a vertical sync pulse will be forced out after the vertical sync
FIGURE 4. STANDARD (NTSC INPUT) H. SYNC DETAIL
EL1882C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com