Electronic Components Datasheet Search
  English  ▼

X  

EL1882CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1882CS
Description  Sync Separator w/50% Slice, AGC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1882CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL1882CS Datasheet HTML 1Page - Intersil Corporation EL1882CS Datasheet HTML 2Page - Intersil Corporation EL1882CS Datasheet HTML 3Page - Intersil Corporation EL1882CS Datasheet HTML 4Page - Intersil Corporation EL1882CS Datasheet HTML 5Page - Intersil Corporation EL1882CS Datasheet HTML 6Page - Intersil Corporation EL1882CS Datasheet HTML 7Page - Intersil Corporation EL1882CS Datasheet HTML 8Page - Intersil Corporation EL1882CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7019
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL1882C
Sync Separator w/50% Slice, AGC
The EL1882C video sync separator is
manufactured using Elantec's high
performance analog CMOS process.
This device extracts sync timing information from both
standard and non-standard video input. It provides
composite sync, vertical sync, burst/back porch timing and
odd/even field detection. 50% sync tip slicing provides
precise sync edge detection when the video input level is
between 0.5VP-P and 2VP-P (sync tip amplitude 143mV to
572mV). A single external resistor sets all internal timing to
adjust for various video standards. The composite sync
output follows video in sync pulses, and a vertical sync
pulse is output on the rising edge of the first vertical serration
following the vertical pre-equalizing string. For non-standard
vertical inputs, a default vertical pulse is output when the
vertical signal stays low for longer than the vertical sync
default delay time. The odd/even output indicates field
polarity detected during the vertical blanking interval. The
EL1882C is plug-in compatible with the industry standard
LM1881 and can be substituted for that part in 5V
applications with improved 50% slicing and lower required
supply current.
Features
• NTSC, PAL, SECAM, non-standard video sync separation
• Precision 50% slicing of video input levels from 0.5VP-P to
2VP-P
• Low supply current - 1.5mA typ.
• Single +5V supply
• Composite, vertical sync output
• Odd/Even field output
• Burst/Back porch output
• Plug-in compatible with industry standard LM1881 in 5V
applications
• Available in 8-pin DIP and SO package
Applications
• Video special effects
• Video test equipment
• Video distribution
• Displays
•Imaging
• Video data capture
• Video triggers
Demo Board
A dedicated demo board is not available. However, this
device can be placed on the EL4584/5 demo board.
Pinout
EL1882C
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART NO.
TEMP. RANGE
PACKAGE
PKG. NO.
EL1882CN
-40°C to +85°C
8-pin DIP
MDP0031
EL1882CS
-40°C to +85°C
8-lead SO
MDP0027
COMPOSITE SYNC OUT
COMPOSITE VIDEO IN
VERTICAL SYNC OUT
GND
VDD 5V
ODD/EVEN OUTPUT
RSET
BURST/BACK
PORCH OUTPUT
1
2
3
4
8
7
6
5
Data Sheet
January 1996, Rev A


Similar Part No. - EL1882CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
Sync Separator, Low Power
October 20, 2004
logo
Renesas Technology Corp
EL1881 RENESAS-EL1881 Datasheet
618Kb / 13P
Sync Separator, Low Power
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
Sync Separator, Low Power
EL1881CN ELANTEC-EL1881CN Datasheet
319Kb / 12P
Sync Separator, Low Power
logo
Intersil Corporation
EL1881CN INTERSIL-EL1881CN Datasheet
193Kb / 11P
Sync Separator, Low Power
October 20, 2004
More results

Similar Description - EL1882CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com