Electronic Components Datasheet Search
  English  ▼

X  

EL2072CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2072CS
Description  730MHz Closed Loop Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2072CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2072CS Datasheet HTML 1Page - Intersil Corporation EL2072CS Datasheet HTML 2Page - Intersil Corporation EL2072CS Datasheet HTML 3Page - Intersil Corporation EL2072CS Datasheet HTML 4Page - Intersil Corporation EL2072CS Datasheet HTML 5Page - Intersil Corporation EL2072CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7033
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2072
730MHz Closed Loop Buffer
The EL2072 is a wide bandwidth, fast
settling monolithic buffer built using an
advanced complementary bipolar
process. This buffer is closed loop to achieve lower output
impedance and higher gain accuracy. Designed for closed-
loop unity gain, the EL2072 has a 730MHz -3dB bandwidth
and 5ns settling to 0.2% while consuming only 15mA of
supply current.
The EL2072 is an obvious high-performance solution for
video distribution and line-driving applications. With low
15mA supply current and a 70mA output drive, performance
in these areas is assured.
The EL2072's settling to 0.2% in 5ns, low distortion, and
ability to drive capacitive loads make it an ideal flash A/D
driver. The wide 730MHz bandwidth and extremely linear
phase allow unmatched signal fidelity.
The EL2072 can be used inside an amplifier loop or PLL as
its wide bandwidth and fast rise time have minimal effect on
loop dynamics.
Elantec products and facilities comply with MIL-I-45028A,
and other applicable quality specifications. For information
on Elantec's processing, see Elantec document QRA-1:
Elantec's Processing, Monolithic Integrated Circuits.
Pinout
Features
• 730MHz -3dB bandwidth (0.5VPP)
• 5ns settling to 0.2%
•VS = ±5V @ 15mA
• Low distortion: HD2, HD3 of -65dBc at 20MHz
• Overload/short-circuit protected
• Closed-loop, unity gain
• Low cost
• Direct replacement for CLC110
Applications
• Video buffer
• Video distribution
• HDTV buffer
• High-speed A/D buffer
• Photodiode, CCD preamps
• IF processors
• High-speed communications
EL2072
(8-PIN PDIP SO)
TOP VIEW
Manufactured under U.S. Patent No. 4,893,091
Ordering Information
PART
NUMBER
TEMP.
RANGE
PACKAGE
PKG. NO.
EL2072CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2072CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
December 1995, Rev. E
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLAC
EME
NT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-888
-INTE
RSIL
or w
ww.i
nters
il.com
/tsc


Similar Part No. - EL2072CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2072CS ELANTEC-EL2072CS Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
More results

Similar Description - EL2072CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
Precision RF Closed Loop Buffer
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
Closed-Loop High Speed Buffer
REV. 0
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com